Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW210
Description  HMIC??Silicon PIN Diode Switches RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Rev. V7
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves at TA = +25°C, 20mA Bias Current
MA4SW110
RETURN LOSS vs. FREQUENCY
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FREQUENCY (GHz)
Input Return Loss
Output Return Loss
MASW110
INSERTION LOSS vs. FREQUENCY
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
0
5
10
15
20
25
30
FREQUENCY (GHz)
MA4SW210
RETURN LOSS vs. FREQUENCY
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FREQUENCY (GHz)
Input Return Loss
Output Return Loss
MA4SW210
INSERTION LOSS vs. FREQUENCY
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
0
5
10
15
20
25
30
FREQUENCY (GHz)
MA4SW310
RETURN LOSS vs. FREQUENCY
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FREQUENCY (GHz)
Input Return Loss
Output Return Loss
MA4SW310
INSERTION LOSS vs. FREQUENCY
-1.2
-1.1
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
0
5
10
15
20
25
30
FREQUENCY (GHz)
S-Parameters: S-Parameter data is available upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com