Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3202-BI/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3202-BI/P
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-BI/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3202-BI/P Datasheet HTML 24Page - Microchip Technology MCP3202-BI/P Datasheet HTML 25Page - Microchip Technology MCP3202-BI/P Datasheet HTML 26Page - Microchip Technology MCP3202-BI/P Datasheet HTML 27Page - Microchip Technology MCP3202-BI/P Datasheet HTML 28Page - Microchip Technology MCP3202-BI/P Datasheet HTML 29Page - Microchip Technology MCP3202-BI/P Datasheet HTML 30Page - Microchip Technology MCP3202-BI/P Datasheet HTML 31Page - Microchip Technology MCP3202-BI/P Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2008 Microchip Technology Inc.
DS21034E-page 29
MCP3202
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP3202:
12-Bit Serial A/d Converter
MCP3202T: 12-Bit Serial A/D Converter (Tape and Reel)
(MSOP, SOIC and TSSOP package only)
Performance Grade: B
= ±1 LSB INL (TSSOP not available)
C= ±2 LSB INL
Temperature Range
I
= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
MS
= Plastic Micro Small Outline (MSOP), 8-Lead
P
= Plastic DIP (300 mil Body), 8-Lead
SN
= Plastic SOIC (150 mil Body), 8-Lead
ST
= TSSOP (4.4 mm Body), 8-Lead (C Grade only)
Examples:
a)
MCP3202-CI/MS: Industrial temperature,
8LD MSOP package.
b)
MCP3202-BI/P:
B Performance grade,
Industrial temperature,
8LD PDIP package
c)
MCP3202-BI/SN: C Performance grade,
Industrial temperature,
8LD SOIC package
d)
MCP3202T-BI/SN: Tape and Reel,
B Performance grade,
Industrial temperature.,
8LD SOIC package
e)
MCP3202T-CI/ST: Tape and Reel,
C Performance grade,
Industrial temperature,
8LD TSSOP package.
-X
Performance
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com