Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHX Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 98Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 99Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 100Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 101Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 102Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 103Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 104Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 105Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 186 page
background image
On-chip peripherals
ST7263Bxx
102/186
Doc ID 7516 Rev 8
Note:
To avoid spurious clearing of some bits, it is recommended to clear them using a load
instruction where all bits which must not be altered are set, and all bits to be cleared are
reset. Avoid read-modify-write instructions like AND, XOR.
Interrupt Mask register (IMR)
These bits are mask bits for all interrupt condition bits included in the ISTR. Whenever one
of the IMR bits is set, if the corresponding ISTR bit is set, and the I bit in the CC register is
cleared, an interrupt request is generated. For an explanation of each bit, please refer to the
corresponding bit description in ISTR.
Reset value: 0000 0000 (00h)
2 ESUSP End suspend mode.
This bit is set by hardware when, during suspend mode, activity is detected that
wakes the USB interface up from suspend mode.
This interrupt is serviced by a specific vector, in order to wake up the ST7 from Halt
mode.
0: No End Suspend detected
1: End Suspend detected
1 RESET USB reset.
This bit is set by hardware when the USB reset sequence is detected on the bus.
0: No USB reset signal detected
1: USB reset signal detected
Note: The DADDR, EP0RA, EP0RB, EP1RA, EP1RB, EP2RA and EP2RB
registers are reset by a USB reset.
0 SOF Start of frame.
This bit is set by hardware when a low-speed SOF indication (keep-alive strobe) is
seen on the USB bus. It is also issued at the end of a resume sequence.
0: No SOF signal detected
1: SOF signal detected
7
0
SUSPM
DOVRM
CTRM
ERRM
IOVRM
ESUSPM
RESETM
SOFM
Read.write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com