Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHX Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 38Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 39Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 40Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 41Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 42Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 43Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 44Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 45Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 186 page
background image
Power saving modes
ST7263Bxx
42/186
Doc ID 7516 Rev 8
The MCU will remain in Wait mode until a Reset or an interrupt occurs, causing it to wake
up. Refer to Figure 21.
Related documentation
AN 980: ST7 Keypad Decoding Techniques, Implementing Wakeup on Keystroke
AN1014: How to Minimize the ST7 Power Consumption
AN1605: Using an active RC to wakeup the ST7LITE0 from power saving mode
Figure 21.
Wait mode flowchart
1.
Before servicing an interrupt, the CC register is pushed on the stack. The I-Bit is set during the interrupt
routine and cleared when the CC register is popped.
WFI INSTRUCTION
RESET
INTERRUPT
Y
N
N
Y
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
CLEARED
OFF
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
FETCH RESET VECTOR
OR SERVICE INTERRUPT
4096 CPU CLOCK
CYCLES DELAY
IF RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com