Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 152Page - STMicroelectronics ST7263BHx Datasheet HTML 153Page - STMicroelectronics ST7263BHx Datasheet HTML 154Page - STMicroelectronics ST7263BHx Datasheet HTML 155Page - STMicroelectronics ST7263BHx Datasheet HTML 156Page - STMicroelectronics ST7263BHx Datasheet HTML 157Page - STMicroelectronics ST7263BHx Datasheet HTML 158Page - STMicroelectronics ST7263BHx Datasheet HTML 159Page - STMicroelectronics ST7263BHx Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 186 page
background image
Electrical characteristics
ST7263Bxx
156/186
Doc ID 7516 Rev 8
Figure 72.
|VDD-VOH| @ IIO=10 mA (high current)
13.9
Control pin characteristics
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
|Vdd - Voh| (V) at Iio=-10mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
ai17706
Table 72.
Asynchronous RESET pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input high level voltage
0.7xVDD
-VDD
V
VIL
Input low voltage
VSS
-
0.3xVD
D
V
Vhys
Schmitt trigger voltage
hysteresis(1)
-
400
-
mV
VOL
Output low level voltage(2)
VDD=5 V
IIO=5 mA
-
-
0.8
V
IIO=7.5 mA
-
-
1.3
RON
Weak pull-up equivalent resistor
(3)
VIN=VSS
VDD=5 V
50
80
100
k
Ω
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
-
6
30
-
1/fSFOSC
µs
th(RSTL)in External reset pulse hold time
(4)
5-
-
µs
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
2.
The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
3.
The RON pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results, not
tested in production.
4.
To guarantee the reset of the device, a minimum pulse has to be applied to RESET pin. All short pulses applied on RESET
pin with a duration below th(RSTL)in can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com