Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 47Page - STMicroelectronics ST7263BHx Datasheet HTML 48Page - STMicroelectronics ST7263BHx Datasheet HTML 49Page - STMicroelectronics ST7263BHx Datasheet HTML 50Page - STMicroelectronics ST7263BHx Datasheet HTML 51Page - STMicroelectronics ST7263BHx Datasheet HTML 52Page - STMicroelectronics ST7263BHx Datasheet HTML 53Page - STMicroelectronics ST7263BHx Datasheet HTML 54Page - STMicroelectronics ST7263BHx Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 186 page
background image
ST7263Bxx
I/O ports
Doc ID 7516 Rev 8
51/186
.
Data Direction register (PxDDR)
Address
Port A Data Direction register (PADDR): 0001h
Port B Data Direction register (PBDDR): 0003h
Port C Data Direction register (PCDDR): 0005h
Port D Data Direction register (PDDDR): 0007h
Reset value
Port A: 0000 0000 (00h)
Port B: 0000 0000 (00h)
Port C: 1111 x000 (FXh)
Port D: 0000 0000 (00h)
Note:
For Port C, unused bits (7-3) are not accessible
.
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Read/write
[7:0] D[7:0] Data register 8 bits.
7
0
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
Read/write
[7:0]D D[7:0] Data Direction register 8 bits.
The DDR register gives the input/output direction configuration of the pins. Each bit
is set and cleared by software.
0: input mode
1: output mode
Table 16.
I/O ports register map
Address
(Hex.)
Register
Label
7
6
543
2
1
0
00
PADR
MSB
LSB
01
PADDR
MSB
LSB
02
PBDR
MSB
LSB
03
PBDDR
MSB
LSB
04
PCDR
MSB
LSB
05
PCDDR
MSB
LSB
06
PDDR
MSB
LSB
07
PDDDR
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com