Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 31Page - STMicroelectronics ST7263BDx Datasheet HTML 32Page - STMicroelectronics ST7263BDx Datasheet HTML 33Page - STMicroelectronics ST7263BDx Datasheet HTML 34Page - STMicroelectronics ST7263BDx Datasheet HTML 35Page - STMicroelectronics ST7263BDx Datasheet HTML 36Page - STMicroelectronics ST7263BDx Datasheet HTML 37Page - STMicroelectronics ST7263BDx Datasheet HTML 38Page - STMicroelectronics ST7263BDx Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 186 page
background image
ST7263Bxx
Reset and clock management
Doc ID 7516 Rev 8
35/186
6.2
Clock system
6.2.1
General description
The MCU accepts either a crystal or ceramic resonator, or an external clock signal to drive
the internal oscillator. The internal clock (fCPU) is derived from the external oscillator
frequency (fOSC), which is divided by 3 (and by 2 or 4 for USB, depending on the external
clock used). The internal clock is further divided by 2 by setting the SMS bit in the
miscellaneous register.
Using the OSC24/12 bit in the option byte, a 12 MHz or a 24 MHz external clock can be
used to provide an internal frequency of either 2, 4 or 8 MHz while maintaining a 6 MHz for
the USB (refer to Figure 18).
The internal clock signal (fCPU) is also routed to the on-chip peripherals. The CPU clock
signal consists of a square wave with a duty cycle of 50%.
The internal oscillator is designed to operate with an AT-cut parallel resonant quartz or
ceramic resonator in the frequency range specified for fosc. The circuit shown in Figure 17 is
recommended when using a crystal, and Table 8 lists the recommended capacitance. The
crystal and associated components should be mounted as close as possible to the input
pins in order to minimize output distortion and start-up stabilization time.
6.2.2
External clock
An external clock may be applied to the OSCIN input with the OSCOUT pin not connected,
as shown on Figure 16. The tOXOV specifications do not apply when using an external clock
input. The equivalent specification of the external clock source should be used instead of
tOXOV (see Table 62: Control timing characteristics).
Figure 16.
External clock source connections
Table 8.
Recommended Values for 24 MHz crystal resonator
Recommended capacitance and resistance
RSMAX
(1)
1.
RSMAX is the equivalent serial resistor of the crystal (see crystal specification).
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
RP
1-10 M
Ω
1-10 M
Ω
1-10 M
Ω
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com