Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 96Page - STMicroelectronics ST7263BEx Datasheet HTML 97Page - STMicroelectronics ST7263BEx Datasheet HTML 98Page - STMicroelectronics ST7263BEx Datasheet HTML 99Page - STMicroelectronics ST7263BEx Datasheet HTML 100Page - STMicroelectronics ST7263BEx Datasheet HTML 101Page - STMicroelectronics ST7263BEx Datasheet HTML 102Page - STMicroelectronics ST7263BEx Datasheet HTML 103Page - STMicroelectronics ST7263BEx Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 186 page
background image
On-chip peripherals
ST7263Bxx
100/186
Doc ID 7516 Rev 8
PID register (PIDR)
Reset value: xx00 0000 (x0h)
7
0
TP3
TP2
000
RX_
SEZ
RXD
0
Read only
[7:6] TP[3:2] Token PID bits 3 & 2.
USB token PIDs are encoded in four bits. TP[3:2] correspond to the variable token
PID bits 3 & 2.
: PID bits 1 & 0 have a fixed value of 01.
Note: When a CTR interrupt occurs (see register ISTR) the software should read
the TP3 and TP2 bits to retrieve the PID name of the token received.
The USB standard defines TP bits (see Table 33).
[5:3] Reserved. Forced by hardware to 0.
2 RX_SEZ Received single-ended zero
This bit indicates the status of the RX_SEZ transceiver output.
0: No SE0 (single-ended zero) state
1: USB lines are in SE0 (single-ended zero) state
1 RXD Received data
0: No K-state
1: USB lines are in K-state
This bit indicates the status of the RXD transceiver output (differential receiver
output).
If the environment is noisy, the RX_SEZ and RXD bits can be used to secure the
application. By interpreting the status, software can distinguish a valid End
Suspend event from a spurious wakeup due to noise on the external USB line. A
valid End Suspend is followed by a Resume or Reset sequence. A Resume is
indicated by RXD=1, a Reset is indicated by RX_SEZ=1.
0 Reserved. Forced by hardware to 0.
Table 33.
TP bit definition
TP3
TP2
PID Name
00
OUT
10
IN
11
SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com