Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 125Page - STMicroelectronics ST7263BEx Datasheet HTML 126Page - STMicroelectronics ST7263BEx Datasheet HTML 127Page - STMicroelectronics ST7263BEx Datasheet HTML 128Page - STMicroelectronics ST7263BEx Datasheet HTML 129Page - STMicroelectronics ST7263BEx Datasheet HTML 130Page - STMicroelectronics ST7263BEx Datasheet HTML 131Page - STMicroelectronics ST7263BEx Datasheet HTML 132Page - STMicroelectronics ST7263BEx Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
129/186
Data register (DR)
This register contains the converted analog value in the range 00h to FFh.
Reset value: 0000 0000 (00h)
Note:
Reading this register reset the COCO flag.
2.
For SDIP/SO34 devices, the CH3 bit is always at ‘0’. If, however, set to ‘1’ on error, channel (11:8)
becomes enabled which may result in a higher and unnecessary level of consumption.
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Read only
Table 46.
ADC register map
Address
(Hex.)
Register
name
765
4
3210
0Ah
DR
AD7 .. AD0
0Bh
CSR
COCO
0
ADON
0
CH3
CH2
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com