Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 154Page - STMicroelectronics ST7263BEx Datasheet HTML 155Page - STMicroelectronics ST7263BEx Datasheet HTML 156Page - STMicroelectronics ST7263BEx Datasheet HTML 157Page - STMicroelectronics ST7263BEx Datasheet HTML 158Page - STMicroelectronics ST7263BEx Datasheet HTML 159Page - STMicroelectronics ST7263BEx Datasheet HTML 160Page - STMicroelectronics ST7263BEx Datasheet HTML 161Page - STMicroelectronics ST7263BEx Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 186 page
background image
Electrical characteristics
ST7263Bxx
158/186
Doc ID 7516 Rev 8
Figure 74.
RESET pin
protection when LVD is disabled
13.10
Communication interface characteristics
13.10.1
USB interface
Operating conditions TA = 0 to +70 °C, VDD = 4.0 to 5.25 V unless otherwise specified.
Figure 75.
USB data signal rise and fall time
0.01
μF
EXTERNAL
RESET
CIRCUIT
USER
Required
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
WATCHDOG
INTERNAL
RESET
Table 73.
USB DC characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VDI
Differential input sensitivity
I(D+, D-)
0.2
-
V(1)
VCM
Differential common mode range
Includes VDI range
0.8
2.5
VSE
Single ended receiver threshold
0.8
2.0
VOL
Static output low
RL
(2)of 1.5 K
Ω to 3.6 V
-
0.3
VOH
Static output high
RL
(2) of 15 K
Ω to V
SS
2.8
3.6
USBV
USBVCC: voltage level(3)
VDD=5 V
3.00
3.60
1.
All the voltages are measured from the local ground potential.
2.
RL is the load connected on the USB drivers.
3.
To improve EMC performance (noise immunity), it is recommended to connect a 100nF capacitor to the USBVCC pin.
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com