Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3100IST Datasheet(PDF) 18 Page - STMicroelectronics

Part # STC3100IST
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100IST Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STC3100IST Datasheet HTML 13Page - STMicroelectronics STC3100IST Datasheet HTML 14Page - STMicroelectronics STC3100IST Datasheet HTML 15Page - STMicroelectronics STC3100IST Datasheet HTML 16Page - STMicroelectronics STC3100IST Datasheet HTML 17Page - STMicroelectronics STC3100IST Datasheet HTML 18Page - STMicroelectronics STC3100IST Datasheet HTML 19Page - STMicroelectronics STC3100IST Datasheet HTML 20Page - STMicroelectronics STC3100IST Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package information
STC3100
18/21
9.2
DFN8 package information
Figure 11.
DFN8 3x3x1.0 mm package mechanical drawing (pitch 0.5 mm)
Table 13.
DFN8 3x3x1.0 mm package mechanical data (pitch 0.5 mm)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.0008
0.0019
A2
0.55
0.65
0.80
0.021
0.025
0.031
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.85
3.00
3.15
0.112
0.118
0.124
D2
2.20
2.70
0.087
0.106
E
2.85
3.00
3.15
0.112
0.118
0.124
E2
1.40
1.75
0.055
0.069
e
0.50
0.020
L
0.30
0.40
0.50
0.012
0.016
0.020
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com