Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 115Page - STMicroelectronics STM32W108CB Datasheet HTML 116Page - STMicroelectronics STM32W108CB Datasheet HTML 117Page - STMicroelectronics STM32W108CB Datasheet HTML 118Page - STMicroelectronics STM32W108CB Datasheet HTML 119Page - STMicroelectronics STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
119/179
[10] TIM_OC2FE: Output Compare 2 Fast Enable. (Applies only if TIM_CC2S = 0)
This bit speeds the effect of an event on the trigger in input on the OC2 output.
0: OC2 behaves normally depending on the counter and TIM_CCR2 values even when the
trigger is ON. The minimum delay to activate OC2 when an edge occurs on the trigger input is 5
clock cycles.
1: An active edge on the trigger input acts like a compare match on the OC2 output. OC2 is set
to the compare level independently from the result of the comparison. Delay to sample the
trigger input and to activate OC2 output is reduced to 3 clock cycles. TIM_OC2FE acts only if
the channel is configured in PWM 1 or PWM 2 mode.
[15:12] TIM_IC2F: Input Capture 1 Filter. (Applies only if TIM_CC2S > 0)
This defines the frequency used to sample the TI2 input, Fsampling, and the length of the
digital filter applied to TI2. The digital filter requires N consecutive samples in the same state
before being output.
0000: Fsampling=PCLK, no filtering.1000: Fsampling=PCLK/8, N=6.
0001: Fsampling=PCLK, N=2.1001: Fsampling=PCLK/8, N=8.
0010: Fsampling=PCLK, N=4.1010: Fsampling=PCLK/16, N=5.
0011: Fsampling=PCLK, N=8.1011: Fsampling=PCLK/16, N=6.
0100: Fsampling=PCLK/2, N=6.1100: Fsampling=PCLK/16, N=8.
0101: Fsampling=PCLK/2, N=8.1101: Fsampling=PCLK/32, N=5.
0110: Fsampling=PCLK/4, N=6.1110: Fsampling=PCLK/32, N=6.
0111: Fsampling=PCLK/4, N=8.1111: Fsampling=PCLK/32, N=8.
Note: PCLK is 12 MHz when using the 24 MHz crystal oscillator, and 6 MHz using the 12 MHz
RC oscillator.
[11:10] TIM_IC2PSC: Input Capture 1 Prescaler. (Applies only if TIM_CC2S > 0)
00: No prescaling, capture each time an edge is detected on the capture input.
01: Capture once every 2 events.
10: Capture once every 4 events.
11: Capture once every 6 events.
[9:8] TIM_CC2S: Capture / Compare 1 Selection
This configures the channel as an output or an input. If an input, it selects the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI2.
10: Channel is an input and is mapped to TI1.
11: Channel is an input and is mapped to TRGI. This mode requires an internal trigger input
selected by the TIM_TS bit in the TIMx_SMCR register.
Note: TIM_CC2S may be written only when the channel is off (TIM_CC2E = 0 in the
TIMx_CCER register).
[6:4] TIM_OC1M: Output Compare 1 Mode. (Applies only if TIM_CC1S = 0)
See TIM_OC2M description above.
[3] TIM_OC1BE: Output Compare 1 Buffer Enable. (Applies only if TIM_CC1S = 0)
See TIM_OC2BE description above.
[2] TIM_OC1FE: Output Compare 1 Fast Enable. (Applies only if TIM_CC1S = 0)
See TIM_OC2FE description above.
[7:4] TIM_IC1F: Input Capture 1 Filter. (Applies only if TIM_CC1S > 0)
See TIM_IC2F description above.
[3:2] TIM_IC1PSC: Input Capture 1 Prescaler. (Applies only if TIM_CC1S > 0)
See TIM_IC2PSC description above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com