Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 119Page - STMicroelectronics STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics STM32W108CB Datasheet HTML 124Page - STMicroelectronics STM32W108CB Datasheet HTML 125Page - STMicroelectronics STM32W108CB Datasheet HTML 126Page - STMicroelectronics STM32W108CB Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
123/179
8.3.7
Timer x capture/compare enable register (TIMx_CCER)
Address offset: 0xE020 (TIM1) and 0xF020 (TIM2)
Reset value:
0x0000 0000
[1:0] TIM_CC3S: Capture / Compare 3 Selection
This configures the channel as an output or an input. If an input, it selects the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI3.
10: Channel is an input and is mapped to TI4.
11: Channel is an input and is mapped to TRGI. This requires an internal trigger input selected
by the TIM_TS bit in the TIM_SMCR register.
Note: TIM_CC3S may be written only when the channel is off (TIM_CC3E = 0 in the
TIMx_CCER register).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_C
C4P
TIM_C
C4P
TIM_C
C3P
TIM_C
C3P
TIM_C
C2P
TIM_C
C2P
TIM_C
C1P
TIM_C
C1P
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[13] TIM_CC4P: Capture/Compare 4 output Polarity
If CC4 is configured as an output channel:
0: OC4 is active high.
1: OC4 is active low.
If CC4 configured as an input channel:
0: IC4 is not inverted. Capture occurs on a rising edge of IC4. When used as an external
trigger, IC4 is not inverted.
0: IC4 is inverted. Capture occurs on a falling edge of IC4. When used as an external trigger,
IC4 is inverted.
1: Capture is enabled.
[12] TIM_CC4E: Capture/Compare 4 output Enable
If CC4 is configured as an output channel:
0: OC4 is disabled.
1: OC4 is enabled.
If CC4 configured as an input channel:
0: Capture is disabled.
1: Capture is enabled.
[9] TIM_CC3P
Refer to the CC4P description above.
[8] TIM_CC3E
Refer to the CC4E description above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com