Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 158Page - STMicroelectronics STM32W108CB Datasheet HTML 159Page - STMicroelectronics STM32W108CB Datasheet HTML 160Page - STMicroelectronics STM32W108CB Datasheet HTML 161Page - STMicroelectronics STM32W108CB Datasheet HTML 162Page - STMicroelectronics STM32W108CB Datasheet HTML 163Page - STMicroelectronics STM32W108CB Datasheet HTML 164Page - STMicroelectronics STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
162/179
Doc ID 16252 Rev 2
12.4.3
Low frequency internal clock characteristics
12.4.4
Low frequency external clock characteristics
12.4.5
ADC characteristics
Table 37 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for
a sampling clock of 1 MHz. ADC_HVSELP and ADC_HVSELN are programmed to 0 to
disable the input buffer. The single-ended measurements were done at finput = 7.7% fNyquist;
0 dBFS level (where full-scale is a 1.2 V p-p swing). The differential measurements were
done at finput = 7.7% fNyquist; -6 dBFS level (where full-scale is a 2.4 V p-p swing).
Table 35.
Low-frequency RC oscillator specification
Parameter
Test conditions
Min
Typ
Max
Unit
Nominal Frequency
After trimming
9
10
11
kHz
Analog trim step size
1
kHz
Supply dependence
For a voltage drop from 3.6 V
to 3.1 V or 2.6 V to 2.1 V
(without re-calibration)
1%
Frequency dependence
Frequency variation with
temperature for a change
from -40 oC to +85oC
(without re-calibration)
2%
Table 36.
Low-frequency crystal oscillator specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency
32.768
kHz
Accuracy
Initial, temperature, and
ageing
-100
+100
ppm
Load cap xin
27
pF
Load cap xout
18
pF
Crystal ESR
100
k
Ω
Start-up time
2
s
Current consumption
At 25°C, VDD_PADS=3.0 V
0.5
µA
Table 37.
ADC module key parameters for 1 MHz sampling
Parameter
Performance
ADC_PERIOD
0
1
2
3
4
5
6
7
Conversion Time (µs)
32
64
128
256
512
1024
2048
4096
Nyquist Freq (kHz)
15.6
7.81
3.91
1.95
0.977
0.488
0.244
0.122
3 dB Cut-off (kHz)
9.42
4.71
2.36
1.18
0.589
0.294
0.147
0.0736
INL (codes peak)
0.04
0.04
0.05
0.09
0.2
0.3
0.6
1.2
INL (codes RMS)
0.02
0.02
0.02
0.03
0.05
0.1
0.2
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com