Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 159Page - STMicroelectronics STM32W108CB Datasheet HTML 160Page - STMicroelectronics STM32W108CB Datasheet HTML 161Page - STMicroelectronics STM32W108CB Datasheet HTML 162Page - STMicroelectronics STM32W108CB Datasheet HTML 163Page - STMicroelectronics STM32W108CB Datasheet HTML 164Page - STMicroelectronics STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
163/179
Note:
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of
Table 37. ENOB (effective number of bits) can be calculated from either SNR (signal to non-
harmonic noise ratio) or SINAD (signal-to-noise and distortion ratio).
Table 38 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for
a sampling rate of 6 MHz. ADC_HVSELP and ADC_HVSELN are programmed to 0 to
disable the input buffer. The single-ended measurements were done at finput = 7.7% fNyquist;
0 dBFS level (where full-scale is a 1.2 V p-p swing). The differential measurements were
done at finput = 7.7% fNyquist; -6 dBFS level (where full-scale is a 2.4 V p-p swing).
DNL (codes peak)
0.04
0.03
0.04
0.04
0.04
0.09
0.12
0.1
DNL (codes RMS)
0.02
0.01
0.01
0.01
0.01
0.03
0.03
0.03
ENOB
(from single-cycle test)
5.5
7.0
7.5
10.0
11.5
12.0
12.5
12.5
SNR (dB)
Single-Ended
Differential
35
36
44
45
53
54
62
62
69
68
74
71
75
73
74
73
SINAD (dB)
Single-Ended
Differential
35
35
44
44
53
53
61
62
66
68
67
71
68
73
67
72
SDFR (dB)
Single-Ended
Differential
63
61
69
70
70
75
70
74
70
78
69
80
70
84
70
89
THD (dB)
Single-Ended
Differential
-55
-57
-63
-64
-67
-74
-69
-82
-69
-87
-69
-93
-69
-94
-69
-93
ENOB (from SNR)
Single-Ended
Differential
5.8
7.0
7.3
8.5
8.8
10.0
10.3
11.3
11.5
12.3
12.3
12.8
12.5
13.1
12.3
13.1
ENOB (from SINAD)
Single-Ended
Differential
5.8
7.0
7.3
8.3
8.8
9.8
10.1
11.3
11.0
12.3
11.1
12.8
11.3
13.1
11.1
13.0
Equivalent ADC Bits
5
[15:11]
6
[15:10]
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
Table 37.
ADC module key parameters for 1 MHz sampling (continued)
Parameter
Performance
Table 38.
ADC module key parameters for 6 MHz sampling
Parameter
Performance
ADC_PERIOD
0
1
2
3
4
5
6
7
Conversion Time (µs)
5.33
10.7
21.3
42.7
85.3
171
341
683
Nyquist Freq (kHz)
93.8
46.9
23.4
11.7
5.86
2.93
1.46
0.732
3 dB Cut-off (kHz)
56.5
28.3
14.1
7.07
3.53
1.77
0.883
0.442
INL (codes peak)
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com