Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 163Page - STMicroelectronics STM32W108CB Datasheet HTML 164Page - STMicroelectronics STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
167/179
ARM® Cortex-M3, RAM, and flash
memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 clocked at
12 MHz from the crystal
oscillator
Radio and all peripherals off
4.0
mA
ARM® Cortex-M3, RAM, and flash
memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 clocked at
6 MHz from the high frequency
RC oscillator
Radio and all peripherals off
2.0
mA
Serial controller current
For each controller at
maximum data rate
0.2
mA
General purpose timer current
For each timer at maximum
clock rate
0.1
mA
General purpose ADC current
At maximum sample rate, DMA
enabled
1.1
mA
Rx current
Radio receiver, MAC, and
baseband
ARM® Cortex-M3 sleeping
20.0
mA
Total RX current ( = IRadio receiver,
MAC and baseband, CPU + IRAM, and
Flash memory )
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
12 MHz
27.0
mA
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
24 MHz
28.0
mA
Boost mode total RX current ( =
IRadio receiver, MAC and baseband,
CPU+ IRAM, and Flash memory )
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
12 MHz
28.0
mA
VDD_PADS = 3.0 V, 2 5°C,
ARM® Cortex-M3 running at
24 MHz
29.0
mA
Tx current
Radio transmitter, MAC, and
baseband
25 °C and 1.8 V core; max.
power out (+3 dBm typical)
ARM® Cortex-M3 sleeping
26.0
mA
Table 40.
DC electrical characteristics (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com