Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics STM32W108CB Datasheet HTML 172Page - STMicroelectronics STM32W108CB Datasheet HTML 173Page - STMicroelectronics STM32W108CB Datasheet HTML 174Page - STMicroelectronics STM32W108CB Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
171/179
12.8
RF electrical characteristics
12.8.1
Receive
Table 43 lists the key parameters of the integrated IEEE 802.15.4 receiver on the STM32W.
Note:
Receive measurements were collected with ST’s STM32W Ceramic Balun Reference
Design (Version A0) at 2440 MHz. The Typical number indicates one standard deviation
above the mean, measured at room temperature (25
°C). The Min and Max numbers were
measured over process corners at room temperature
Table 43.
Receive characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Sensitivity (boost mode)
1% PER, 20 byte packet
defined by IEEE 802.15.4-2003
-100
-95
dBm
Sensitivity
1% PER, 20 byte packet
defined by IEEE 802.15.4-2003
-99
-94
dBm
High-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
35
dB
Low-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
35
dB
2nd high-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
43
dB
2nd low-side adjacent channel
rejection
IEEE 802.15.4 signal at -82
dBm
43
dB
Channel rejection for all other
channels
IEEE 802.15.4 signal at -82
dBm
40
dB
802.11g rejection centered at +12
MHz or -13 MHz
IEEE 802.15.4 signal at -82
dBm
35
dB
Maximum input signal level for
correct operation
0dBm
Co-channel rejection
IEEE 802.15.4 signal at -82
dBm
-6
dBc
Relative frequency error
(2x40 ppm required by IEEE
802.15.4)
-120
+120
ppm
Relative timing error
(2x40 ppm required by IEEE
802.15.4)
-120
+120
ppm
Linear RSSI range
As defined by IEEE 802.15.4
40
dB
RSSI Range
-90
-30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com