Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics STM32W108CB Datasheet HTML 172Page - STMicroelectronics STM32W108CB Datasheet HTML 173Page - STMicroelectronics STM32W108CB Datasheet HTML 174Page - STMicroelectronics STM32W108CB Datasheet HTML 175Page - STMicroelectronics STM32W108CB Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
172/179
Doc ID 16252 Rev 2
12.8.2
Transmit
Table 44 lists the key parameters of the integrated IEEE 802.15.4 transmitter on the
STM32W.
Note:
Transmit measurements were collected with ST’s STM32W Ceramic Balun Reference
Design (Version A0) at 2440 MHz. The Typical number indicates one standard deviation
above the mean, measured at room temperature (25
°C). The Min and Max numbers were
measured over process corners at room temperature
12.8.3
Synthesizer
Table 45 lists the key parameters of the integrated synthesizer on the STM32W.
Table 44.
Transmit characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Maximum output power (boost
mode)
At highest power setting
7
dBm
Maximum output power
At highest power setting
0
3
dBm
Minimum output power
At lowest power setting
-32
dBm
Error vector magnitude
As defined by IEEE 802.15.4,
which sets a 35% maximum
515
%
Carrier frequency error
-40
+40
ppm
Load impedance for optimum
transmit power
200+j90
TBC
?
PSD mask relative
3.5 MHz away
-20
dB
PSD mask absolute
3.5 MHz away
-30
dBm
Table 45.
Synthesizer characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Frequency resolution
11.7
kHz
Lock time
From off, with correct VCO DAC
setting
100
µs
Relock time
Channel change or RX/TX
turnaround (IEEE 802.15.4
defines 192 µs turnaround
time)
100
µs
Phase noise at 100 kHz offset
-71
dBc/Hz
Phase noise at 1 MHz offset
-91
dBc/Hz
Phase noise at 4 MHz offset
-103
dBc/Hz
Phase noise at 10 MHz offset
-111
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com