Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F102R6T6ATR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F102R6T6ATR
Description  Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102R6T6ATR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F102R6T6ATR Datasheet HTML 27Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 28Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 29Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 30Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 31Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 32Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 33Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 34Page - STMicroelectronics STM32F102R6T6ATR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
STM32F102x4, STM32F102x6
Electrical characteristics
Doc ID 15057 Rev 3
31/69
Figure 10.
Typical current consumption in Run mode versus temperature (at 3.6 V) -
code with data processing running from RAM, peripherals enabled
Figure 11.
Typical current consumption in Run mode versus temperature (at 3.6 V) -
code with data processing running from RAM, peripherals disabled
0
5
10
15
20
25
30
–40 °C
25 °C
0 °C
70 °C
85 °C
Temperature (°C)
48 MHz
36MHz
16 MHz
8 MHz
0
2
4
6
8
10
12
14
16
18
20
–40 °C
25 °C
0 °C
70 °C
85 °C
Temperature (°C)
48 MHz
36 MHz
16 MHz
8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com