Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CBU64 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32W108CBU64
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CBU64 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32W108CBU64 Datasheet HTML 45Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 46Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 47Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 48Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 49Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 50Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 51Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 52Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose input/outputs
Doc ID 16252 Rev 2
49/179
6.1.4
Reset
A full chip reset is one due to power on (low or high voltage), the NRST pin, the watchdog, or
the SYSRESETREQ bit. A full chip reset affects the GPIO configuration as follows:
●
The GPIO_PxCFGH/L configurations of all pins are configured as floating inputs.
●
The GPIO_EXTREGEN bit is set in the GPIO_DBGCFG register, which overrides the
normal configuration for PA7.
●
The GPIO_DEBUGDIS bit in the GPIO_DBGCFG register is cleared, allowing Serial
Wire/JTAG access to override the normal configuration of PC0, PC2, PC3, and PC4.
6.1.5
nBOOTMODE
nBOOTMODE is a special alternate function of PA5 that is active only during a pin reset
(NRST) or a power-on-reset of the always-powered domain (POR_HV). If nBOOTMODE is
asserted (pulled or driven low) when coming out of reset, the processor starts executing an
embedded serial boot loader instead of its normal program.
While in reset and during the subsequent power-on-reset startup delay (512 high-frequency
RC oscillator periods), PA5 is automatically configured as an input with a pull-up resistor. At
the end of this time, the STM32W108 samples nBOOTMODE: a high level selects normal
startup, and a low level selects the boot loader. After nBOOTMODE has been sampled, PA5
is configured as a floating input. The GPIO_BOOTMODE bit in the GPIO_DBGSTAT register
captures the state of nBOOTMODE so that software may act on this signal if required.
Note:
To avoid inadvertently asserting nBOOTMODE, PA5's capacitive load should not exceed
252 pF.
6.1.6
GPIO modes
Analog mode
Analog mode enables analog functions, and disconnects a pin from the digital input and
output logic. Only the following GPIO pins have analog functions:
●
PA4, PA5, PB5, PB6, PB7, and PC1 can be analog inputs to the ADC.
●
PB0 can be an external analog voltage reference input to the ADC, or it can output the
internal analog voltage reference from the ADC.
●
PC6 and PC7 can connect to an optional 32.768 kHz crystal.
Note:
When an external timing source is required, a 32.768 kHz crystal is commonly connected to
PC6 and PC7. Alternatively, when PC7 is configured as a digital input, PC7 can accept a
digital external clock input.
When configured in analog mode:
●
The output drivers are disabled.
●
The internal pull-up and pull-down resistors are disabled.
●
The Schmitt trigger input is connected to a high logic level.
●
Reading GPIO_PxIN returns a constant 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com