Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-475 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-475
Description  SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-475 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-475 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-475 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-475 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
Rev. V6
SW-475
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
4: T
A = 25 °C, VCTL = 0, 5.0 V (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5- 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
0.6
0.7
0.75
0.7
0.8
0.9
Isolation
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
51
48
45
54
52
50
Return Loss
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
15
15
15
20
20
20
Input IP2
2-Tone 900 MHz, 5 MHz spacing (VC = 5.0 V)
dBm
83
Input IP3
2-Tone 900 MHz, 5 MHz spacing (VC = 5.0 V)
dBm
46
TRISE, TFALL
10% to 90% RF & 90% to 10% RF
nS
24
TON, TOFF
50% of VC to 10 % / 90% RF
nS
15
Transients
VC = 5.0 V square wave, in-band
mV
12
Control Current
│Vc│ = 4.5 V, 0 dBm
µA
2
13
P1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
27
18
P0.1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
24
11
4. DC blocking capacitors requires on all RF ports.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
5
5. External DC blocking capacitors required on all RF ports.
We recommend 47 pF.
Logic Level
Voltage Level
0
0 V ± 0.2 V
1
3.0 V to 8.0 V
V1
V2
RFC - RF1
RFC - RF2
0
1
ON
OFF
1
0
OFF
ON



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com