Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-119TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SWD-119TR
Description  Quad Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SWD-119TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SWD-119TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SWD-119TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SWD-119TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SWD-119TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Quad Driver for GaAs FET Switches and Attenuators
Rev. V7
SWD-119-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Symbol
Parameter
-55 to +25°C
<+85°C
<+125°C
Unit
TPLH
Propagation Delay
22
25
30
nS
TPHL
Propagation Delay
22
25
30
nS
TTLH
Output Rising Transition Time
9.0
9.0
9.0
nS
TTHL
Output Falling Transition Time
8.0
8.0
8.0
nS
Tskew
Delay Skew, Output A to Output B
4.0
4.0
4.0
nS
CIN
Input Capacitance
10
10
10
pF
CPDC
Power Dissipation Capacitance
4
10
10
10
pF
CPDE
Power Dissipation Capacitance
4
140
140
140
pF
AC Characteristics Over Guaranteed Operating Range
3
3. VCC = 4.5V, VOPT - VEE = min or max, VOPT = 0V, CL = 25 pF, Trise, Tfall = 6nS. These conditions represent the worst case for slow
delays.
4. Total Power Dissipation is calculated by the following formula: PD = VCC
2fC
PDC + (VOPT-VEE)
2fC
PDE
Switching Waveforms
Absolute Maximum Ratings
5
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC
Supply Voltage
-0.5
7.0
V
VEE
Negative DC
Supply Voltage
-9.0
0.5
V
VOPT
Optional DC
Output Supply
Voltage
-0.5
Vcc +0.5
V
VOPT-VEE
Output to
Negative Supply
Voltage Range
-0.5
9.0
V
VCC-VEE
Positive to Nega-
tive Supply
Voltage Range
-0.5
14.5
V
VI
DC Input
Voltage
-0.5
VCC +0.5
V
II
DC Input Current
-25
25
mA
VO
DC Output
Voltage
VEE –0.5
VOPT +0.5
V
PD
6
Power
Dissipation in
Still Air
—
500
mW
TSTG
Storage
Temperature
-65
150
°C
5.
All voltages are referenced to GND. All inputs and outputs
incorporate latch-up protection structures.
6. Derate -7 mW/°C from 65°C to 85°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com