Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4T6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8L151C4T6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4T6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8L151C4T6 Datasheet HTML 83Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 84Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 85Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 86Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 87Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 88Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 89Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 90Page - STMicroelectronics STM8L151C4T6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
87/101
8.3.13
12-bit ADC1 characteristics
Table 46.
ADC1 characteristics
Symbol
Parameter
Conditions
Min (1)
1.
Data guaranteed by design, not tested in production.
Typ
Max(1)
Unit
VDDA
Analog supply voltage
1.8
3.6
V
VREF+
Reference supply voltage
2.4 V
≤VDDA≤ 3.6 V
2.4
VDDA
V
1.8 V
≤VDDA≤ 2.4 V
VDDA
V
VREF-
Lower reference voltage
VSSA
V
IVDDA
Current on the VDDA input pin
1000
µA
IVREF+
Current on the VREF+ input pin
400
TBD
µA
VAIN
Conversion voltage range
0(2)
2.
VREF- or VDDA must be tied to ground.
VREF+
TA
Temperature range
-40
125
°C
RAIN
External resistance on VAIN
TBD(3)
3.
For 1 Msps, maximum Rext is 0.5 k
Ω.
k
Ω
RADC
Sampling switch resistance
on PF0 fast channel
TBD
k
Ω
on all other channels
TBD
k
Ω
CADC
Internal sample and hold capacitor
on PF0 fast channel
TBD
pF
on all other channels
TBD
pF
fADC
ADC sampling clock frequency
2.4 V
≤VDDA≤3.6 V
without zooming
0.320
16
MHz
1.8 V
≤VDDA≤2.4 V
with zooming
0.320
8
MHz
fS
Sampling rate
VAIN on PF0 fast
channel
0.02
1(4)
4.
Value obtained for continous conversion on fast channel.
MHz
VAIN on all other
channels
fTRIG
External trigger frequency
TBD
1/fADC
tLAT
External trigger latency
TBD
1/fADC
tS
Sampling time
VAIN on fast channel
PF0
4(4)
1/fADC
VAIN on slow channels
TBD
1/fADC
tconv
Conversion time
12 + tS
1/fADC
16 MHz
1(3)
µs
tWKUP
Wakeup time from OFF state
3
µs
tVREFINT
Internal reference voltage startup time
refer to
Table 40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com