Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103RCT7TR Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32F103RCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT7TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32F103RCT7TR Datasheet HTML 72Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 73Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 74Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 75Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 76Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 77Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 78Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 79Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
76/123
Doc ID 14611 Rev 7
Figure 37.
PC Card/CompactFlash controller waveforms for I/O space write access
td(NCE4_1-NIOWR)
tw(NIOWR)
tv(NCEx-A)
th(NCE4_1-AI)
th(NIOWR-D)
ATTxHIZ =1
tv(NIOWR-D)
ai14900b
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
FSMC_A[10:0]
FSMC_NCE4_2
FSMC_NCE4_1
FSMC_NREG
FSMC_NIOWR
FSMC_NIORD
Table 39.
Switching characteristics for PC Card/CF read and write cycles(1)(2)
Symbol
Parameter
Min
Max
Unit
tv(NCEx-A)
tv(NCE4_1-A)
FSMC_NCEx low (x = 4_1/4_2) to FSMC_Ay valid (y =
0...10) FSMC_NCE4_1 low (x = 4_1/4_2) to FSMC_Ay valid
(y = 0...10)
0
ns
th(NCEx-AI)
th(NCE4_1-AI)
FSMC_NCEx high (x = 4_1/4_2) to FSMC_Ax invalid (x =
0...10) FSMC_NCE4_1 high (x = 4_1/4_2) to FSMC_Ax
invalid (x = 0...10)
2.5
ns
td(NREG-NCEx)
td(NREG-NCE4_1)
FSMC_NCEx low to FSMC_NREG valid FSMC_NCE4_1
low to FSMC_NREG valid
5
ns
th(NCEx-NREG)
th(NCE4_1-NREG)
FSMC_NCEx high to FSMC_NREG invalid FSMC_NCE4_1
high to FSMC_NREG invalid
THCLK + 3
ns
td(NCE4_1-NOE)
FSMC_NCE4_1 low to FSMC_NOE low
5THCLK + 2
ns
tw(NOE)
FSMC_NOE low width
8THCLK –1.5 8THCLK + 1
ns
td(NOE-NCE4_1
FSMC_NOE high to FSMC_NCE4_1 high
5THCLK + 2
ns
tsu(D-NOE)
FSMC_D[15:0] valid data before FSMC_NOE high
25
ns
th(NOE-D)
FSMC_D[15:0] valid data after FSMC_NOE high
15
ns
tw(NWE)
FSMC_NWE low width
8THCLK – 1
8THCLK + 2
ns
td(NWE-NCE4_1)
FSMC_NWE high to FSMC_NCE4_1 high
5THCLK + 2
ns
td(NCE4_1-NWE)
FSMC_NCE4_1 low to FSMC_NWE low
5THCLK + 1.5 ns
tv(NWE-D)
FSMC_NWE low to FSMC_D[15:0] valid
0
ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
11THCLK
ns
td(D-NWE)
FSMC_D[15:0] valid before FSMC_NWE high
13THCLK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com