Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLA17 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CLA17
Description  Cascadable Amplifier 10 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CLA17 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CLA17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CLA17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CLA17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 1000 MHz
Rev. V2
LA17 / SMLA17
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
• MEDIUM OUTPUT LEVEL: +10 dBm (TYP.)
• HIGH THIRD-ORDER INTERCEPT POINT:
+28 dBm (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC
Description
The LA17 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the input, and
a single stage bipolar transistor feedback amplifier at the output.
An RF choke is used for DC power supply decoupling
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
LA17
TO-8
SMLA17
Surface Mount
CLA17 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+23 dBm
Short Term Input power
(1 minute max.)
400 mW
Peak Power (3 µsec max.)
1 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.448 W
Junction Temperature Rise
Above Case Tjc
20.2ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-1100
10-1000
10-1000
Small Signal Gain (min)
dB
11.5
10.5
9.5
Gain Flatness (max)
dB
±0.3
±0.5
±0.7
Noise Figure (max)
dB
5.8
6.7
7.2
Power Output @ 1 dB comp. (min)
dBm
+10.0
+7.0
+5.0
Output Limiting Level (max)
Pin = +20 dBm
dBm
+15.0
+16.0
+17.0
VSWR Input / Output (max)
<1.7:1/
<1.7:1
1.9:1/ 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
55
57
59
* Over temperature performance limits for part number CLA17, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - CLA17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLA17 ETC1-CLA17 Datasheet
220Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
CLA17 MACOM-CLA17 Datasheet
436Kb / 3P
Cascadable Amplifier 10 to 1000 MHz
logo
IXYS Corporation
CLA174-ND IXYS-CLA174-ND Datasheet
136Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - CLA17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com