Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103ZCT7TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F103ZCT7TR
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F103ZCT7TR Datasheet HTML 36Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 37Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 38Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 39Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 40Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 41Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 42Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 43Page - STMicroelectronics STM32F103ZCT7TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 123 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
40/123
Doc ID 14611 Rev 7
5.1.6
Power supply scheme
Figure 12.
Power supply scheme
Caution:
In Figure 12, the 4.7 µF capacitor must be connected to VDD3.
5.1.7
Current consumption measurement
Figure 13.
Current consumption measurement scheme
ai15401
VDD1/2/.../11
Analog:
RCs, PLL,
...
Po wer swi tch
VBAT
GP I/O s
OUT
IN
Kernel logic
(CPU,
Digital
& Memories)
Backup circuitry
(OSC32K,RTC,
Backup registers)
Wake-up logic
11 × 100 nF
+ 1 × 4.7 µF
1.8-3.6V
Regulator
VSS1/2/.../11
VDDA
VREF+
VREF-
VSSA
ADC
IO
Logic
VDD
10 nF
+ 1 µF
VREF
10 nF
+ 1 µF
VDD
ai14126
VBAT
VDD
VDDA
IDD_VBAT
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com