Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C4H6TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F103C4H6TR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4H6TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F103C4H6TR Datasheet HTML 21Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 22Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 23Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 24Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 25Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 26Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 27Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 28Page - STMicroelectronics STM32F103C4H6TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
STM32F103x4, STM32F103x6
Pinouts and pin description
Doc ID 15060 Rev 3
25/80
5
5
C1
2
PD0
I/O FT
OSC_IN(9)
6
6
D1
3
PD1
I/O FT OSC_OUT(9)
54
B5
-
PD2
I/O FT
PD2
TIM3_ETR
39
55
A5
30
PB3
I/O FT
JTDO
TIM2_CH2 / PB3/
TRACESWO
SPI1_SCK
40
56
A4
31
PB4
I/O FT
NJTRST
TIM3_CH1 /PB4
SPI1_MISO
41
57
C4
32
PB5
I/O
PB5
I2C1_SMBA
TIM3_CH2 /
SPI1_MOSI
42
58
D3
33
PB6
I/O FT
PB6
I2C1_SCL(8)/
USART1_TX
43
59
C3
34
PB7
I/O FT
PB7
I2C1_SDA(8)
USART1_RX
44
60
B4
35
BOOT0
I
BOOT0
45
61
B3
-
PB8
I/O FT
PB8
I2C1_SCL
/CAN_RX
46
62
A3
-
PB9
I/O FT
PB9
I2C1_SDA /
CAN_TX
47
63
D4
36
VSS_3
SVSS_3
48
64
E4
1
VDD_3
SVDD_3
1.
I = input, O = output, S = supply.
2.
FT = 5 V tolerant.
3.
Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripheral that is included. For example, if a device has only one SPI and two USARTs, they will be called SPI1
and USART1 & USART2, respectively. Refer to Table 2 on page 9.
4.
If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not exceed 2 MHz with a maximum
load of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
6.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
7.
Unlike in the LQFP64 package, there is no PC3 in the TFBGA64 package. The VREF+ functionality is provided instead.
8.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual,
available from the STMicroelectronics website: www.st.com.
9.
The pins number 2 and 3 in the VFQFPN36 package, 5 and 6 in the LQFP48 and LQFP64 packages and C1 and C2 in the
TFBGA64 package are configured as OSC_IN/OSC_OUT after reset, however the functionality of PD0 and PD1 can be
remapped by software on these pins. For more details, refer to the Alternate function I/O and debug configuration section
in the STM32F10xxx reference manual.
Table 5.
Low-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com