Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3201 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3201 Datasheet HTML 17Page - Microchip Technology MCP3201 Datasheet HTML 18Page - Microchip Technology MCP3201 Datasheet HTML 19Page - Microchip Technology MCP3201 Datasheet HTML 20Page - Microchip Technology MCP3201 Datasheet HTML 21Page - Microchip Technology MCP3201 Datasheet HTML 22Page - Microchip Technology MCP3201 Datasheet HTML 23Page - Microchip Technology MCP3201 Datasheet HTML 24Page - Microchip Technology MCP3201 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 21
MCP3201
6.0
APPLICATIONS INFORMATION
6.1
Using the MCP3201 Device with
Microcontroller SPI Ports
With most microcontroller SPI ports, it is required to
clock out eight bits at a time. If this is the case, it will be
necessary to provide more clocks than are required for
the MCP3201. As an example, Figure 6-1 and
Figure 6-2 show how the MCP3201 device can be
interfaced to a microcontroller with a standard SPI port.
Since the MCP3201 always clocks data out on the
falling edge of clock, the MCU SPI port must be
configured to match
this operation. SPI Mode 0,0
(clock idles low) and SPI Mode 1,1 (clock idles high)
are both compatible with the
MCP3201. Figure 6-1
depicts the operation shown in SPI Mode 0,0, which
requires that the CLK from the microcontroller idles in
the ‘low’ state. As shown in the diagram, the MSB is
clocked out of the A/D Converter on the falling edge of
the third clock pulse. After the first eight clocks have
been sent to the device, the microcontroller’s receive
buffer will contain two unknown bits (the output is at
high-impedance for the first two clocks), the null bit and
the highest order five bits of the conversion. After the
second eight clocks have been sent to the device, the
MCU receive register will contain the lowest-order
seven bits and the B1 bit repeated as the A/D
Converter has begun to shift out LSB first data with the
extra clock. Typical procedure would then call for the
lower-order byte of data to be shifted right by one bit to
remove the extra B1 bit. The B7 bit is then transferred
from the high-order byte to the lower-order byte, and
then the higher-order byte is shifted one bit to the right
as well. Easier manipulation of the converted data can
be obtained by using this method.
Figure 6-2 shows the same thing in SPI Mode 1,1
which requires that the clock idles in the high state. As
with mode 0,0, the A/D Converter outputs data on the
falling edge of the clock and the MCU latches data from
the A/D Converter in on the rising edge of the clock.
FIGURE 6-1:
SPI Communication using 8-bit segments (Mode 0,0: SCLK idles low).
FIGURE 6-2:
SPI Communication using 8-bit segments (Mode 1,1: SCLK idles high).
CS
CLK
910
11
12
13
14
15
16
DOUT
NULL
BIT B11 B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
HI-Z
B7
B6 B5 B4 B3 B2 B1 B0
B11 B10 B9
B8
??
0
MCU latches data from A/D
Data is clocked out of A/D
Converter on falling edges
Converter on rising edges of SCLK
12
3
4
5
6
7
8
HI-Z
B1
B1
LSB first data begins
to come out
B2
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
CS
CLK
9
101112
13
14
15
16
DOUT
NULL
BIT
B11 B10 B9
B8
B7
B6 B5 B4 B3 B2 B1 B0
HI-Z
B7
B6 B5 B4 B3 B2 B1 B0
B11 B10 B9
B8
??
0
MCU latches data from A/D
Data is clocked out of A/D
Converter on falling edges
Converter on rising edges of SCLK
1
23
4
56
7
8
B1
B1
LSB first data begins
to come out
HI-Z
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com