Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3201-BI/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3201-BI/MS
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201-BI/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP3201-BI/MS Datasheet HTML 1Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 2Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 3Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 4Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 5Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 6Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 7Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 8Page - Microchip Technology MCP3201-BI/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP3201
DS21290E-page 4
© 2008 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
High Level Output Voltage
VOH
4.1
—
—
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
—
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
—
10
µA
VOUT = VSS or VDD
Pin Capacitance
(all inputs/outputs)
CIN, COUT
—
—
10
pF
VDD = 5.0V (Note 1)
TA = +25°C, f = 1 MHz
Timing Parameters:
Clock Frequency
fCLK
—
—
—
—
1.6
0.8
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
312
—
—
ns
Clock Low Time
tLO
312
—
—
ns
CS Fall To First Rising CLK Edge
tSUCS
100
—
—
ns
CLK Fall To Output Data Valid
tDO
—
—
200
ns
See Test Circuits, Figure 1-2
CLK Fall To Output Enable
tEN
—
—
200
ns
See Test Circuits, Figure 1-2
CS Rise To Output Disable
tDIS
—
—
100
ns
See Test Circuits, Figure 1-2
(Note 1)
CS Disable Time
tCSH
625
—
—
ns
D
OUT Rise Time
tR
—
—
100
ns
See Test Circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
tF
—
—
100
ns
See Test Circuits, Figure 1-2
(Note 1)
Power Requirements:
Operating Voltage
VDD
2.7
—
5.5
V
Operating Current
IDD
—
—
300
210
400
—
µA
µA
VDD = 5.0V, DOUT unloaded
VDD = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.5
2
µA
CS = VDD = 5.0V
Electrical Specifications:
Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+85
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
θJA
—211
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—
89.5
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
Thermal Resistance, 8L-TSSOP
θJA
—139
—
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
All parameters apply at VDD = 5V, VSS = 0V, VREF = 5V, TA = -40°C to +85°C, fSAMPLE = 100 ksps, and
fCLK = 16*fSAMPLE, unless otherwise noted.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is established by characterization and not 100% tested.
2:
See graph that relates linearity performance to VREF level.
3:
Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance,
especially at elevated temperatures. See Section 6.2 “Maintaining Minimum Clock Speed” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com