Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3201T-BI/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3201T-BI/ST
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201T-BI/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP3201T-BI/ST Datasheet HTML 1Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 2Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 3Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 4Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 5Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 6Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 7Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 8Page - Microchip Technology MCP3201T-BI/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21290E-page 3
MCP3201
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings†
VDD...................................................................................7.0V
All inputs and outputs w.r.t. VSS ................ -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
ESD protection on all pins (HBM) .................................> 4 kV
†Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
All parameters apply at VDD = 5V, VSS = 0V, VREF = 5V, TA = -40°C to +85°C, fSAMPLE = 100 ksps, and
fCLK = 16*fSAMPLE, unless otherwise noted.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Conversion Rate:
Conversion Time
tCONV
—
—
12
clock
cycles
Analog Input Sample Time
tSAMPLE
1.5
clock
cycles
Throughput Rate
fSAMPLE
—
—
100
50
ksps
ksps
VDD = VREF = 5V
VDD = VREF = 2.7V
DC Accuracy:
Resolution
12
bits
Integral Nonlinearity
INL
—
—
±0.75
±1
±1
±2
LSB
LSB
MCP3201-B
MCP3201-C
Differential Nonlinearity
DNL
—
±0.5
±1
LSB
No missing codes over
temperature
Offset Error
—
±1.25
±3
LSB
Gain Error
—
±1.25
±5
LSB
Dynamic Performance:
Total Harmonic Distortion
THD
—
-82
—
dB
VIN = 0.1V to 4.9V@1 kHz
Signal to Noise and Distortion
(SINAD)
SINAD
—
72
—
dB
VIN = 0.1V to 4.9V@1 kHz
Spurious Free Dynamic Range
SFDR
—
86
—
dB
VIN = 0.1V to 4.9V@1 kHz
Reference Input:
Voltage Range
0.25
—
VDD
V
Note 2
Current Drain
—
—
100
.001
150
3
µA
µA
CS = VDD = 5V
Analog Inputs:
Input Voltage Range (IN+)
IN+
IN-
—
VREF+IN-
V
Input Voltage Range (IN-)
IN-
VSS-100
VSS+100
mV
Leakage Current
—
0.001
±1
µA
Switch Resistance
RSS
—
1K
—
W
See Figure 4-1
Sample Capacitor
CSAMPLE
—
20
—
pF
See Figure 4-1
Digital Input/Output:
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
—
—
0.3 VDD
V
Note 1:
This parameter is established by characterization and not 100% tested.
2:
See graph that relates linearity performance to VREF level.
3:
Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance,
especially at elevated temperatures. See Section 6.2 “Maintaining Minimum Clock Speed” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com