Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA02M/883 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA02M/883
Description  Table 4 Group A Inspection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA02M/883 Datasheet(HTML) 1 Page - Cirrus Logic

  PA02M/883 Datasheet HTML 1Page - Cirrus Logic PA02M/883 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA02M
PA02MU
1
PA02M/883
BURN IN CIRCUIT
* These components are used to stabilize device due to poor
high frequency characteristics of burn in board.
** Input signals are calculated to result in internal power dissipa-
tion of approximately 2.1W at case temperature = 125°C.
SG PARAMETER
SYMBOL
TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent current
I
Q
25°C
±15V
V
IN = 0, AV = 100, RCL = .2Ω
40
mA
1
Input offset voltage
V
OS
25°C
±15V
V
IN = 0, AV = 100
10
mV
1
Input offset voltage
V
OS
25°C
±7V
V
IN = 0, AV = 100
11.6
mV
1
Input offset voltage
V
OS
25°C
±19V
V
IN = 0, AV = 100
10.8
mV
1
Input bias current, +IN
+I
B
25°C
±15V
V
IN = 0
200
pA
1
Input bias current, –IN
–I
B
25°C
±15V
V
IN = 0
200
pA
1
Input offset current
I
OS
25°C
±15V
V
IN = 0
100
pA
3
Quiescent current
I
Q
–55°C
±15V
V
IN = 0, AV = 100, RCL = .2Ω
60
mA
3
Input offset voltage
V
OS
–55°C
±15V
V
IN = 0, AV = 100
14
mV
3
Input offset voltage
V
OS
–55°C
±7V
V
IN = 0, AV = 100
15.6
mV
3
Input offset voltage
V
OS
–55°C
±19V
V
IN = 0, AV = 100
14.8
mV
3
Input bias current, +IN
+I
B
–55°C
±15V
V
IN = 0
200
pA
3
Input bias current, –IN
–I
B
–55°C
±15V
V
IN = 0
200
pA
3
Input offset current
I
OS
–55°C
±15V
V
IN = 0
100
pA
2
Quiescent current
I
Q
125°C
±15V
V
IN = 0, AV = 100, RCL = .2Ω
60
mA
2
Input offset voltage
V
OS
125°C
±15V
V
IN = 0, AV = 100
15
mV
2
Input offset voltage
V
OS
125°C
±7V
V
IN = 0, AV = 100
16.6
mV
2
Input offset voltage
V
OS
125°C
±19V
V
IN = 0, AV = 100
15.8
mV
2
Input bias current, +IN
+I
B
125°C
±15V
V
IN = 0
30
nA
2
Input bias current, –IN
–I
B
125°C
±15V
V
IN = 0
30
nA
2
Input offset current
I
OS
125°C
±15V
V
IN = 0
10
nA
4
Output voltage, I
O = 5A
V
O
25°C
±9V
R
L = 1Ω, RCL = 0Ω
5
V
4
Output voltage, I
O = 36mA
V
O
25°C
±19V
R
L = 500Ω
18
V
4
Output voltage, I
O = 2A
V
O
25°C
±12V
R
L = 5Ω, RCL = 0Ω
10
V
4
Current limits
I
CL
25°C
±9V
R
L = 5Ω, RCL = 1Ω
.54
.86
A
4
Stability/noise
E
N
25°C
±15V
R
L = 500Ω, AV = 1, CL = 1.5nF
1
mV
4
Slew rate
SR
25°C
±18V
R
L = 500Ω
13
100
V/µs
4
Open loop gain
A
OL
25°C
±15V
R
L = 500Ω, F = 10Hz
86
dB
4
Common mode rejection
CMR
25°C
±8.25V
R
L = 500Ω, F = DC, VCM = ±2.25V
70
dB
6
Output voltage, I
O = 5A
V
O
–55°C
±9V
R
L = 1Ω, RCL = 0Ω
5
V
6
Output voltage, I
O = 36mA
V
O
–55°C
±19V
R
L = 500Ω
18
V
6
Output voltage, I
O = 2A
V
O
–55°C
±12V
R
L = 5Ω, RCL = 0Ω
10
V
6
Stability/noise
E
N
–55°C
±15V
R
L = 500Ω, AV = 1, CL = 1.5nF
1
mV
6
Slew rate
SR
–55°C
±18V
R
L = 500Ω
13
100
V/µs
6
Open loop gain
A
OL
–55°C
±15V
R
L = 500Ω, F = 10Hz
86
dB
6
Common mode rejection
CMR
–55°C
±8.25V
R
L = 500Ω, F = DC, VCM = ±2.25V
70
dB
5
Output voltage, I
O = 3A
V
O
125°C
±7V
R
L = 1Ω, RCL = 0Ω
3
V
5
Output voltage, I
O = 36mA
V
O
125°C
±19V
R
L = 500Ω
18
V
5
Output voltage, I
O = 2A
V
O
125°C
±12V
R
L = 5Ω, RCL = 0Ω
10
V
5
Stability/noise
E
N
125°C
±15V
R
L = 500Ω, AV = 1, CL = 1.5nF
1
mV
5
Slew rate
SR
125°C
±18V
R
L = 500Ω
8.5
100
V/µs
5
Open loop gain
A
OL
125°C
±15V
R
L = 500Ω, F = 10Hz
86
dB
5
Common mode rejection
CMR
125°C
±8.25V
R
L = 500Ω, F = DC, VCM = ±2.25V
70
dB
100KΩ
1Ω
1Ω
100KΩ
+15V
–15V
5
6
2
7
1
8
3,4
20Ω
* *
*
*
U.U.T
Table 4 Group A Inspection
PA02M/883
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
SEP 2009
APEX − PA02MUREVK


Similar Part No. - PA02M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02M APEX-PA02M Datasheet
66Kb / 1P
TABLE 4 GRUOP A INSPECTION
More results

Similar Description - PA02M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA10M APEX-PA10M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com