Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4531-502E/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4531-502E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531-502E/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4531-502E/ML Datasheet HTML 9Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 10Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 11Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 12Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 13Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 14Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 15Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 16Page - Microchip Technology MCP4531-502E/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 13
MCP453X/455X/463X/465X
FIGURE 1-1:
I2C Bus Start/Stop Bits Timing Waveforms.
TABLE 1-1:
I2C BUS START/STOP BITS REQUIREMENTS
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in AC/DC characteristics
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
FSCL
Standard Mode
0
100
kHz
Cb = 400 pF, 1.8V - 5.5V
Fast Mode
0
400
kHz
Cb = 400 pF, 2.7V - 5.5V
High-Speed 1.7
0
1.7
MHz
Cb = 400 pF, 4.5V - 5.5V
High-Speed 3.4
0
3.4
MHz
Cb = 100 pF, 4.5V - 5.5V
D102
Cb
Bus capacitive
loading
100 kHz mode
—
400
pF
400 kHz mode
—
400
pF
1.7 MHz mode
—
400
pF
3.4 MHz mode
—
100
pF
90
TSU:STA
START condition
100 kHz mode
4700
—
ns
Only relevant for repeated
START condition
Setup time
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
91
THD:STA
START condition
100 kHz mode
4000
—
ns
After this period the first
clock pulse is generated
Hold time
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
92
TSU:STO
STOP condition
100 kHz mode
4000
—
ns
Setup time
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
93
THD:STO
STOP condition
100 kHz mode
4000
—
ns
Hold time
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
3.4 MHz mode
160
—
ns
91
93
SCL
SDA
START
Condition
STOP
Condition
90
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com