Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5360 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5360
Description  NPN TRIPLE DIFFUSED TYPE (COLOR TV CHROM OUTPUT APPLICATIONS)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5360 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5360 Datasheet HTML 1Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC5360
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5360
Color TV Chroma Output Applications
• High voltage: VCEO = 300 V
• Small collector output capacitance: Cob = 5.0 pF (typ.)
• High transition frequency: fT = 100 MHz (typ.)
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
50
mA
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
12.5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 240 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
1.0
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 5 mA, IB = 0
300
―
―
V
DC current gain
hFE
VCE = 10 V, IC = 50 mA
40
―
170
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 20 mA
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 100 mA, IB = 20 mA
―
―
1.2
V
Transition frequency
fT
VCE = 10 V, IC = 30 mA
40
100
―
MHz
Collector output capacitance
Cob
VCB = 50 V, IE = 0, f = 1 MHz
―
5.0
6.5
pF
Marking
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
C5360
Part No. (or abbreviation code)


Similar Part No. - 2SC5360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC536 ETC-2SC536 Datasheet
107Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC536 WINNERJOIN-2SC536 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC536 FOSHAN-2SC536 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SC536 JIANGSU-2SC536 Datasheet
404Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Micro Electronics
2SC536 MICRO-ELECTRONICS-2SC536 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
More results

Similar Description - 2SC5360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3333 TOSHIBA-2SC3333 Datasheet
180Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3334 TOSHIBA-2SC3334 Datasheet
190Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING, COLOR TV CHROMA OUTPUT APPLICATIONS)
2SC3620 TOSHIBA-2SC3620 Datasheet
189Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
2SD1090 TOSHIBA-2SD1090 Datasheet
166Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV POWER REGULATOR APPLICATIONS)
S2000N TOSHIBA-S2000N Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (COLOR TV HORIZONTAL OUTPUT, SWITCHING REGULATOR APPLICATIONS)
logo
Wing Shing Computer Com...
2SD1402 WINGS-2SD1402 Datasheet
68Kb / 1P
NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT)
2SD1651 WINGS-2SD1651 Datasheet
41Kb / 1P
NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT)
logo
Samsung semiconductor
KSD5013 SAMSUNG-KSD5013 Datasheet
187Kb / 6P
NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT)
logo
KEC(Korea Electronics)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
KTC3229 KEC-KTC3229 Datasheet
234Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com