Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELPD-290 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # ELPD-290
Description  E-Series 2-Way 90쨘 Power Divider 820 - 980 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ELPD-290 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  ELPD-290 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ELPD-290 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series 2 Way 90
o Power Divider — 820 - 980 MHz
ELPD-290
V2.00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
-90.0
-89.5
-89.0
-88.5
-88.0
-87.5
-87.0
-86.5
-86.0
-85.5
-85.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
-30.0
-29.0
-28.0
-27.0
-26.0
-25.0
-24.0
-23.0
-22.0
-21.0
-20.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Power Rating
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temp (10 Sec)
260°C
Storage Temperature
-55°C to 100°C
Functional Configuration
Function
Pin No.
Not Connected
—
External 50 Ohms
3
Ground
—
Case Ground
—
Input
1
Port 1
2
Port 2
4
Typical Performance @ +25°C
Insertion Loss
Isolation
Phase Unbalance
Amplitude Unbalance
Input Return Loss
Output Return Loss
-4.0
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
-25.0
-24.0
-23.0
-22.0
-21.0
-20.0
-19.0
-18.0
-17.0
-16.0
-15.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
-30.0
-29.0
-28.0
-27.0
-26.0
-25.0
-24.0
-23.0
-22.0
-21.0
-20.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
800
850
900
950
1000
800
850
900
950
1000
800
850
900
950
1000
800
850
900
950
1000
800
850
900
950
1000
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Options
800
850
900
950
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com