Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC04B-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC04B-I/P
Description  4K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04B-I/P Datasheet(HTML) 1 Page - Microchip Technology

  24LC04B-I/P Datasheet HTML 1Page - Microchip Technology 24LC04B-I/P Datasheet HTML 2Page - Microchip Technology 24LC04B-I/P Datasheet HTML 3Page - Microchip Technology 24LC04B-I/P Datasheet HTML 4Page - Microchip Technology 24LC04B-I/P Datasheet HTML 5Page - Microchip Technology 24LC04B-I/P Datasheet HTML 6Page - Microchip Technology 24LC04B-I/P Datasheet HTML 7Page - Microchip Technology 24LC04B-I/P Datasheet HTML 8Page - Microchip Technology 24LC04B-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21708K-page 1
24AA04/24LC04B
Device Selection Table
Features:
• Single Supply with Operation down to 1.7V for
24AA04 Devices, 2.5V for 24LC04B Devices
• Low-Power CMOS Technology:
- Read current 1 mA, typical
- Standby current 1
μA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger inputs for Noise Suppression
• Output Slope Control to eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN, MSOP and 5-lead SOT-23 or 4-lead
Chip Scale
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA04/24LC04B
(24XX04*) is a 4 Kbit Electrically Erasable PROM. The
device is organized as two blocks of 256 x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.7V, with standby
and
active
currents
of
only
1
μA and 1 mA,
respectively. The 24XX04 also has a page write
capability for up to 16 bytes of data. The 24XX04 is
available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, 2x3 DFN, 2x3 TDFN, and MSOP
packages and is also available in the 5-lead SOT-23, or
4-lead Chip Scale package.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA04
1.7-5.5
400 kHz(1)
I
24LC04B
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V.
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/MSOP/SOIC/TSSOP
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23-5
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note
1:
Pins A0, A1 and A2 are not used by the 24XX04. (No internal connections).
2:
Available in I-temp, “AA” only.
8
7
6
5
1
2
3
4
CS (Chip Scale)2
1
2
3
4
VCC
SDA
SCL
VSS
(Top Down View,
Balls Not Visible)
4K I2C™ Serial EEPROM
* 24XX04 is used in this document as a generic part number for the 24LC04/24LC04B devices.


Similar Part No. - 24LC04B-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC04B-I/P MICROCHIP-24LC04B-I/P Datasheet
419Kb / 26P
4K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24LC04B-I/P

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_07 Datasheet
418Kb / 26P
4K I2C??Serial EEPROM
2007
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
02/04/09
24LC04BT-I MICROCHIP-24LC04BT-I Datasheet
419Kb / 26P
4K I2C Serial EEPROM
12/08/06
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
4K I2C Serial EEPROM
12/08/06
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
4K I2C??Serial EEPROM
03/25/14
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com