Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC04B-E/P Datasheet(PDF) 28 Page - Microchip Technology

Part # 24LC04B-E/P
Description  4K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04B-E/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button 24LC04B-E/P Datasheet HTML 24Page - Microchip Technology 24LC04B-E/P Datasheet HTML 25Page - Microchip Technology 24LC04B-E/P Datasheet HTML 26Page - Microchip Technology 24LC04B-E/P Datasheet HTML 27Page - Microchip Technology 24LC04B-E/P Datasheet HTML 28Page - Microchip Technology 24LC04B-E/P Datasheet HTML 29Page - Microchip Technology 24LC04B-E/P Datasheet HTML 30Page - Microchip Technology 24LC04B-E/P Datasheet HTML 31Page - Microchip Technology 24LC04B-E/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
24AA04/24LC04B
DS21708K-page 28
© 2009 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision C
Corrections to Section 1.0, Electrical Characteristics.
Revision D
Added DFN package.
Revision E
Revised Figure 3-2 Control Byte Allocation; Figure 4-1
Byte Write; Figure 4-2 Page Write; Section 6.0 Write
Protection; Figure 7-1 Current Address Read; Figure 7-
2 Random Read; Figure 7-3 Sequential Read.
Revision F (01/2007)
Revised Features section; Changed 1.8V to 1.7V in
Tables and text; Revised Ambient Temperature,
Section 1.0; Replaced Package Drawings; Revised
Product ID section.
Revision G (03/2007)
Replaced Package Drawings (Rev. AM).
Revision H (01/2009)
Added TDFN Package; Updated Package Drawings.
Revision J (03/2009)
Added 4-lead Chip Scale Package.
Revision K (03/2009)
Added 4-lead Chip Scale Package Diagram and Land
Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com