Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC04B-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # 24LC04B-E/ST
Description  4K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04B-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button 24LC04B-E/ST Datasheet HTML 26Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 27Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 28Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 29Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 30Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 31Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 32Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 33Page - Microchip Technology 24LC04B-E/ST Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21708K-page 31
24AA04/24LC04B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA04:
=
1.7V, 4 Kbit I2C Serial EEPROM
24AA04T:
=
1.7V, 4 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC04B:
=
2.5V, 4 Kbit I2C Serial EEPROM
24LC04BT: =
2.5V, 4 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
MC
=
2x3 DFN, 8-lead
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (3.90 mm body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
OT
=
SOT-23, 5-lead (Tape and Reel only)
MNY(1)=
TDFN (2x3x0.75 mm body), 8-lead
CS16K(2) = Chip Scale (CS), 4-lead (I-temp, "AA" Tape
and Reel only)
Examples:
a)
24AA04-I/P: Industrial Temperature,
1.7V, PDIP package
b)
24AA04-I/SN:
Industrial
Temperature,
1.7V, SOIC package
c)
24AA04T-I/OT: Industrial Temperature,
1.7V, SOT-23 package, tape and reel
d)
24LC04B-I/P:
Industrial
Temperature,
2.5V, PDIP package
e)
24LC04B-E/SN: Extended Temperature,
2.5V, SOIC package
f)
24LC04BT-I/OT: Industrial Temperature,
2.5V, SOT-23 package, tape and reel
g)
24AA04T-I/CS: 16K Industrial Tempera-
ture,1.7V, CS package, tape and reel
Note
1: "Y" indicates a Nickel Palladium Gold (NiPdAu) finish.
2: "16K" indicates 160K technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com