Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC08B-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC08B-E/P
Description  8K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC08B-E/P Datasheet HTML 9Page - Microchip Technology 24LC08B-E/P Datasheet HTML 10Page - Microchip Technology 24LC08B-E/P Datasheet HTML 11Page - Microchip Technology 24LC08B-E/P Datasheet HTML 12Page - Microchip Technology 24LC08B-E/P Datasheet HTML 13Page - Microchip Technology 24LC08B-E/P Datasheet HTML 14Page - Microchip Technology 24LC08B-E/P Datasheet HTML 15Page - Microchip Technology 24LC08B-E/P Datasheet HTML 16Page - Microchip Technology 24LC08B-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21710J-page 13
24AA08/24LC08B
1st Line Marking
Part No.
TSSOP
MSOP
SOT-23
DFN
TDFN
I-Temp
E-Temp
I-Temp
E-Temp
I-Temp
E-Temp
24AA08
4A08
4A08T
B4NN
—
241
—
A41
—
24LC08B
4L08
4L8BT
M4NN
N4NN
244
245
A44
A45
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
A44
527
13
Example:
8-Lead 2x3 DFN
XXX
YWW
NN
244
527
13
Example:
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com