Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC512-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24FC512-E/P
Description  512K I2C??CMOS Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC512-E/P Datasheet(HTML) 1 Page - Microchip Technology

  24FC512-E/P Datasheet HTML 1Page - Microchip Technology 24FC512-E/P Datasheet HTML 2Page - Microchip Technology 24FC512-E/P Datasheet HTML 3Page - Microchip Technology 24FC512-E/P Datasheet HTML 4Page - Microchip Technology 24FC512-E/P Datasheet HTML 5Page - Microchip Technology 24FC512-E/P Datasheet HTML 6Page - Microchip Technology 24FC512-E/P Datasheet HTML 7Page - Microchip Technology 24FC512-E/P Datasheet HTML 8Page - Microchip Technology 24FC512-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21754J-page 1
24AA512/24LC512/24FC512
Device Selection Table
Features:
• Single Supply with Operation Down to 1.7V for
24AA512 and 24FC512 Devices, 2.5V for
24LC512 Devices
• Low-Power CMOS Technology:
- Active current 400 uA, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable for up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms max.
• Self-Timed Erase/Write Cycle
• 128-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 years
• Packages Include 8-lead PDIP, SOIJ and DFN
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40
°C to +85°C
- Automotive (E):-40
°C to +125°C
Description:
The Microchip Technology Inc. 24AA512/24LC512/
24FC512 (24XX512*) is a 64K x 8 (512 Kbit) Serial
Electrically Erasable PROM, capable of operation
across a broad voltage range (1.7V to 5.5V). It has
been developed for advanced, low-power applications
such as personal communications and data acquisi-
tion. This device also has a page write capability of up
to 128 bytes of data. This device is capable of both
random and sequential reads up to the 512K boundary.
Functional address lines allow up to eight devices on
the same bus, for up to 4 Mbit address space. This
device is available in the standard 8-pin plastic DIP,
SOIJ and DFN packages.
Block Diagram
Package Type
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA512
1.7-5.5V
400 kHz(1)
I
24LC512
2.5-5.5V
400 kHz
I, E
24FC512
1.7-5.5V
1 MHz(2)
I
Note 1:
100 kHz for VCC < 2.5V
2:
400 kHz for VCC < 2.5V
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1 A2
SDA
SCL
VCC
VSS
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
SOIJ
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN
A0
A1
A2
VSS
WP
SCL
SDA
5
6
7
8
4
3
2
1
VCC
512K I2C™ CMOS Serial EEPROM
* 24XX512 is used in this document as a generic part
number for the 24AA512/24LC512/24FC512 devices.


Similar Part No. - 24FC512-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC512-E/P MICROCHIP-24FC512-E/P Datasheet
490Kb / 26P
512K I2C??CMOS Serial EEPROM
2005
24FC512-E/P MICROCHIP-24FC512-E/P Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24FC512-E/PG MICROCHIP-24FC512-E/PG Datasheet
490Kb / 26P
512K I2C??CMOS Serial EEPROM
2005
More results

Similar Description - 24FC512-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
512K I2C CMOS Serial EEPROM
2003
24AA512 MICROCHIP-24AA512 Datasheet
420Kb / 26P
512K I2C CMOS Serial EEPROM
2004
24AA515 MICROCHIP-24AA515_05 Datasheet
373Kb / 22P
512K I2C??CMOS Serial EEPROM
2005
24AA512 MICROCHIP-24AA512_05 Datasheet
490Kb / 26P
512K I2C??CMOS Serial EEPROM
2005
24AA515 MICROCHIP-24AA515_08 Datasheet
352Kb / 24P
512K I2C??CMOS Serial EEPROM
2008
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
512K I2C??Serial EEPROM
2010
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
512K I2C Serial EEPROM
01/05/10
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com