Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC01B-E/MC Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC01B-E/MC
Description  1K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC01B-E/MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC01B-E/MC Datasheet HTML 7Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 8Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 9Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 10Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 11Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 12Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 13Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 14Page - Microchip Technology 24LC01B-E/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21711J-page 11
24AA01/24LC01B
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX01 contains an address counter that
maintains the address of the last word accessed,
internally incremented by ‘1’. Therefore, if the previous
access (either a read or write operation) was to
address
n, the next current address read operation
would access data from address
n + 1. Upon receipt of
the slave address with R/W bit set to ‘1’, the 24XX01
issues an acknowledge and transmits the 8-bit data
word. The master will not acknowledge the transfer, but
does generate a Stop condition and the 24XX01
discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is accomplished by sending the word
address to the 24XX01 as part of a write operation.
Once the word address is sent, the master generates a
Start
condition
following
the
acknowledge.
This
terminates the write operation, but not before the inter-
nal Address Pointer is set. The master then issues the
control byte again, but with the R/W bit set to a ‘1’. The
24XX01 will then issue an acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer, but does generate a Stop condition and the
24XX01 discontinues transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, except that once the 24XX01 transmits
the first data byte, the master issues an acknowledge
(as opposed to a Stop condition in a random read). This
directs the 24XX01 to transmit the next sequentially
addressed 8-bit word (Figure 8-3).
To provide sequential reads the 24XX01 contains an
internal Address Pointer which is incremented by one
at the completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation.
8.4
Noise Protection
The 24XX01 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
o
A
C
K
S
T
A
R
T
Block
Select
Bits
x
= “don’t care”
10
1
0 xx
x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com