Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-6 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ESSM-2-6
Description  E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ESSM-2-6 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ESSM-2-6 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ESSM-2-6 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series 2 Way 0
o Power Divider — 5 - 900 MHz
ESSM-2-6
V2.00
S 0862 F
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2 Way
• 0 Degree
• Surface Mount
Description
M/A-COM’s ESSM-2-6 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
cellular and wireless applications.
E-Series 2-Way 0
o Power Divider
5 - 900 MHz
ESSM-2-6
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5 - 900
MHz
—
—
—
Insertion Loss
5 - 50 MHz
50 - 450 MHz
450 - 900 MHz
dB
dB
dB
0.2
0.4
0.7
—
—
—
0.4
0.7
1.2
Isolation
5 - 50 MHz
5 - 450 MHz
dB
dB
28
28
20
20
—
—
Amplitude Unbalance
5 - 50 MHz
50 - 450 MHz
dB
dB
—
—
—
—
0.2
0.3
Phase Unbalance
5 - 50 MHz
50 - 450 MHz
o
o
—
—
—
—
2.0
o
3.0
o
Input & Output Return Loss
5 - 900 MHz
dB
25
16
—
Electrical Specifications @25°C
SM-1 Package


Similar Part No. - ESSM-2-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 900 MHz
More results

Similar Description - ESSM-2-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 900 MHz
MAPDCT0030 MACOM-MAPDCT0030 Datasheet
152Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
logo
M/A-COM Technology Solu...
MAPDCT0002 MA-COM-MAPDCT0002 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0030 MA-COM-MAPDCT0030 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
E-Series 2-Way Power Divider 5 - 900 MHz
ESSM-2-9-75 MA-COM-ESSM-2-9-75 Datasheet
61Kb / 2P
E-Series 2-Way 0쨘 Power Divider
ESSM-2-16 MA-COM-ESSM-2-16 Datasheet
181Kb / 2P
E-Series 2-Way 0쨘 Power Divider
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com