Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-16 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ESSM-2-16
Description  E-Series 2-Way 0쨘 Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ESSM-2-16 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ESSM-2-16 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ESSM-2-16 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series 2 Way 0
o Power Divider — 5 - 500 MHz
ESSM-2-16
V2.00
S 1223 D
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2 Way
• 0 Degree
• Surface Mount
Description
M/A-COM’s ESSM-2-16 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
cellular and wireless applications.
E-Series 2-Way 0
o Power Divider
5 - 500 MHz
ESSM-2-16
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5 - 500
MHz
—
—
—
Insertion Loss
5 - 50 MHz
50 - 250 MHz
250 - 500 MHz
dB
dB
dB
0.25
0.3
0.5
—
—
—
0.5
0.6
1.0
Isolation
5 - 50 MHz
50 - 250 MHz
dB
dB
50
33
25
24
—
—
Amplitude Unbalance
5 - 50 MHz
50 - 250 MHz
dB
dB
—
—
—
—
0.15
0.3
Phase Unbalance
5 - 50 MHz
50 - 250 MHz
o
o
—
—
—
—
0.5
o
1.0
o
Electrical Specifications @25°C
SM-1 Package


Similar Part No. - ESSM-2-16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
More results

Similar Description - ESSM-2-16

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESSM-2-9-75 MA-COM-ESSM-2-9-75 Datasheet
61Kb / 2P
E-Series 2-Way 0쨘 Power Divider
MAPDCT0026 MA-COM-MAPDCT0026 Datasheet
106Kb / 3P
2 Way 0쨘 Power Divider
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
2 Way 0쨘 Power Divider
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
2 Way 0쨘 Power Divider
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M Datasheet
161Kb / 4P
2 Way 0쨘 Power Divider
MACPES0045 MA-COM-MACPES0045 Datasheet
96Kb / 4P
2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
2 Way 0쨘 Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com