Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA01 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA01
Description  Pulse Width Modulation Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA01 Datasheet(HTML) 3 Page - Cirrus Logic

  SA01 Datasheet HTML 1Page - Cirrus Logic SA01 Datasheet HTML 2Page - Cirrus Logic SA01 Datasheet HTML 3Page - Cirrus Logic SA01 Datasheet HTML 4Page - Cirrus Logic SA01 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA01 • SA01-6
SA01U
3
0.1
0.4
1.0 2.0
6.010.0
40.0
0.02
0.06
0.10
0.40
1.00
2.00
6.00
10.0
BRIDGED OUTPUT SWING
–55
125
98
100
101
NORMALIZED CLOCK DRIFT
99
0
OUTPUT CURRENT, (A)
VOLTAGE DROP
6
7
8
9
–15
25
85
2 4 6 8 10 12 14 16 18 20
0
1
2
3
4
5
BRIDGE DRIVE CURRENT, IOUT (A)
CASE TEMPERATURE, T (°C)
C
25
125
CASE TEMPERATURE, TC (°C)
0
20
25
MAXIMUM CONTINUOUS OUTPUT
5
10
15
1
10 100
10M
80
120
ERROR AMP SMALL SIGNAL GAIN
40
FREQUENCY, F (Hz)
–180
ERROR AMP SMALL SIGNAL PHASE
45
65
85
105
–55
–50 –25
0
25
50
75 100 125
125
–15
25
85
1K 10K 100K 1M
1
10 100
10M
1K 10K 100K 1M
FREQUENCY, F (Hz)
–135
–90
–45
0
0
0
15
FLYBACK CURRENT, ISD (A)
0
FLYBACK DIODES
4
5
FET ON RESISTANCE
POWER DERATING
0
75
125
100
25
50
10
20
1
2
3
0
.05
.1
.15
.2
.25
.3
JUNCTION TEMPERATURE, T
J (°C)
50
110
130
70
90
150
75
CASE TEMPERATURE, T (°C)
100
0
25
50
125
C
CASE TEMPERATURE, TC (°C)
CASE TEMPERATURE, TC (°C)
60
70
80
QUIESCENT CURRENT DRIFT
0.9996
0.9998
1.0000
1.0002
1.0004
NORMALIZED REFERENCE DRIFT
2
8
CONTROL, EA OUT (V)
0
DUTY CYCLE
80
4
40
6
125°
C
85°C
25°C
A/B
OUT
TO
+VS
P-CHANNEL
P-CHANNEL
N-CHANNEL
A/B OUT TO
ISENSE
N-CHANNEL
VS = 100V
JUNCTION TEMPERATURE
VS = 80V
VS = 60V
VS = 40V
VS = 20V
TJ = 150°C
25°C
EACH OUTPUT TRANSISTOR
CASE TEMP. 35°C
CASE TEMP. 110°C
CASE TEMP. 60°C
CASE TEMP. 85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com