Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA08 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA08
Description  Pulse Width Modulation Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA08 Datasheet(HTML) 3 Page - Cirrus Logic

  SA08 Datasheet HTML 1Page - Cirrus Logic SA08 Datasheet HTML 2Page - Cirrus Logic SA08 Datasheet HTML 3Page - Cirrus Logic SA08 Datasheet HTML 4Page - Cirrus Logic SA08 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA08
SA08U
3
–50 –25
0
25
50
75 100 125
80
85
90
95
100
105
110
115
1M
100K
95
98
99
100
CLOCK LOADING
96
97
10K
CASE TEMPERATURE, (°C)
CLOCK LOAD RESISTANCE, (Ω)
DUTY CYCLE VS ANALOG INPUT
0
20
40
60
80
100
ANALOG INPUT, (V)
3
5
4
7
6
Vcc QUIESCENT CURRENT
A OUT
B OUT
F NOMINAL = 45kHz
Vcc = 15V
F = 22.5 kHz
NORMAL
OPERATION
SHUTDOWN
OPERATION
–50
CASE TEMPERATURE, (°C)
CLOCK FREQUENCY OVER TEMP
–25
0
25
50
75 100 125
98.0
98.5
99.0
99.5
100
100.5
101.0
101.5
102.0
Vcc QUIESCENT CURRENT
0.5
DIODE FORWARD VOLTAGE DROP, (V)
REVERSE DIODE
25
50
75
100
125
14
16
18
20
CONTINUOUS AMPS
12
1.0
1.5
2.0
3.0
2.5
5
0
100
200
300
400
500
25
10
15
20
CASE TEMPERATURE, (°C)
10
0
75
100
CASE TEMPERATURE, (°C)
0
POWER DERATING
25
50
125
25
50
75
100
125
SWITCHING FREQUENCY, F (kHz)
Vs, (V)
84
88
92
96
100
50
75
100
125
150
Vs QUIESCENT VS VOLTAGE
5
25
SWITCHING FREQUENCY, F (kHz)
60
70
50
80
90
Vs QUIESCENT VS FREQUENCY
100
10
15
20
EACH ACTIVE
OUTPUT TRANSISTOR
0
4
8
12
16
20
OUTPUT CURRENT, I (A)
2
3
4
5
6
TOTAL VOLTAGE DROP
100°C
Tc = 100°C
Tc = 25°C
25°C
CASE TEMPERATURE
20
0
4
8
12
16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com