Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA12 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA12
Description  Pulse Width Modulation Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA12 Datasheet(HTML) 3 Page - Cirrus Logic

  SA12 Datasheet HTML 1Page - Cirrus Logic SA12 Datasheet HTML 2Page - Cirrus Logic SA12 Datasheet HTML 3Page - Cirrus Logic SA12 Datasheet HTML 4Page - Cirrus Logic SA12 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA12
SA12U
3
Vcc QUIESCENT CURRENT
40
200
80
120
160
SWITCHING FREQUENCY, F (kHz)
60
70
80
100
90
20
40
40
60
80
80
100
120
160
200
SWITCHING FREQUENCY, F (kHz)
Vs QUIESCENT VS FREQUENCY
0
25 50 75 100 125 150 175200
Vs, (V)
20
40
60
120
100
80
140
Vs QUIESCENT VS VOLTAGE
DUTY CYCLE VS ANALOG INPUT
0
20
40
60
80
100
ANALOG INPUT, (V)
3
5
4
7
6
A OUT
B OUT
1M
100K
95
98
99
100
CLOCK LOADING
96
97
10K
CLOCK LOAD RESISTANCE, (Ω)
F NOMINAL = 400kHz
0
75
100
CASE TEMPERATURE, (°C)
0
POWER DERATING
125
25
50
125
25
50
75
100
EACH ACTIVE
OUTPUT RESISTOR
–50 –25 0
25 50 75 100 125
80
85
90
95
100
105
110
115
CASE TEMPERATURE, (° C)
Vcc QUIESCENT CURRENT
Vcc = 15V
F = 22.5 kHz
NORMAL
OPERATION
SHUTDOWN
OPERATION
NORMALIZED ON RESISTANCE
2.5
2
1.5
1
.5
JUNCTION TEMPERATURE, T
J (°C)
–50
0
50
100
150
–50
CASE TEMPERATURE, (°C)
CLOCK FREQUENCY OVER TEMP
–25 0
25 50 75 100 125
98.0
98.5
99.0
99.5
100.0
100.5
101.0
101.5
102.0
0.6
SOURCE TO DRAIN DIODE VOLTAGE
REVERSE DIODE
0.8
1.0
1.2
1.4
15
12
9
6
3
0
CASE TEMPERATURE, (°C)
16
14
12
10
8
CONTINUOUS OUTPUT
25
50
75
100
125
125°C
25°C
–25°C
–55°C
85°C
100°C
TOTAL VOLTAGE DROP
12
8
10
4
6
2
0
OUTPUT CURRENT, (A)
0
3
6
9
12
15
60
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com