Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE302JS Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE302JS
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE302JS Datasheet(HTML) 1 Page - Cirrus Logic

  VRE302JS Datasheet HTML 1Page - Cirrus Logic VRE302JS Datasheet HTML 2Page - Cirrus Logic VRE302JS Datasheet HTML 3Page - Cirrus Logic VRE302JS Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE302
64
VRE302DS
DESCRIPTION
The VRE302 is a low cost, high precision +2.5 V refer-
ence. Packaged in the industry standard 8-pin DIP, the
device is ideal for upgrading systems that use lower
performance references.
The device provides ultrastable +2.5 V output with
±0.25 mV (.01%) initial accuracy and a temperature
coefficient of 0.6 ppm/ºC. This improvement in accu-
racy is made possible by a unique, patented multipoint
laser compensation technique. Significant improve-
ments have been made in other performance param-
eters as well, including initial accuracy, warm-up drift,
line regulation, and long-term stability, making the
VRE302 series the most accurate reference available
in the standard 8-pin DIP package.
For enhanced performance, the VRE302 has an ex-
ternal trim option for users who want less than 0.01%
initial error. A reference ground pin is provided to elimi-
nate socket contact resistance errors.
FEaTuRES
♦ +2.5 V Output, ± 0.250 mV (.01%)
♦ Temperature Drift: 0.6 ppm/ºC
♦ Low Noise: 1.5 μV
P-P (0.1-10Hz)
♦ Industry Standard Pinout: 8-pin DIP or Surface
Mount Package
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Output Trim Capability
aPPlICaTIONS
The VRE302 is recommended for use as a refer-
ence for 14, 16, or 18 bit D/A converters which re-
quire an external precision reference. The device
is also ideal for calibrating scale factor on high
resolution A/D converters. The VRE302 offers su-
perior performance over monolithic references.
Precision Voltage Reference
VRE302
P r o d u c t I n n o v a t i o n F r o m
Figure 1. BlOCK DIaGRaM
Model
Initial Error
(mV)
Temp. Coeff.
(ppm/ºC)
Temp. Range
(ºC)
Package
Options
VRE302CS
VRE302CD
VRE302JS
VRE302JD
VRE302KS
VRE302LS
VRE302LD
0.50
0.50
0.25
0.25
0.40
0.50
0.50
2.0
2.0
0.6
0.6
1.0
2.0
2.0
0ºC to +70ºC
0ºC to +70ºC
-40ºC to +85ºC
-40ºC to +85ºC
-40ºC to +85ºC
-40ºC to +85ºC
-40ºC to +85ºC
SMT8 (GD)
DIP8 (KD)
SMT8 (GD)
DIP8 (KD)
SMT8 (GD)
SMT8 (GD)
DIP8 (KD)
SElECTION GuIDE
8-pin Surface Mount
Package Style GD
8-pin DIP
Package Style KD
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Jul 2009
APEX − VRE302DSREVH


Similar Part No. - VRE302JS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE302JS CIRRUS-VRE302JS Datasheet
708Kb / 5P
Precision Voltage Reference
More results

Similar Description - VRE302JS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com