Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3004T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3004T
Description  2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3004T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3004T Datasheet HTML 9Page - Microchip Technology MCP3004T Datasheet HTML 10Page - Microchip Technology MCP3004T Datasheet HTML 11Page - Microchip Technology MCP3004T Datasheet HTML 12Page - Microchip Technology MCP3004T Datasheet HTML 13Page - Microchip Technology MCP3004T Datasheet HTML 14Page - Microchip Technology MCP3004T Datasheet HTML 15Page - Microchip Technology MCP3004T Datasheet HTML 16Page - Microchip Technology MCP3004T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21295D-page 13
MCP3004/3008
Note:
Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = +25°C.
FIGURE 2-37:
IDDS vs. VDD.
FIGURE 2-38:
IDDS vs. Temperature.
FIGURE 2-39:
Analog Input Leakage
Current vs. Temperature.
0
10
20
30
40
50
60
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
VREF = CS = VDD
0.01
0.10
1.00
10.00
100.00
-50
-25
0
255075
100
Temperature (°C)
VDD = VREF = CS = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
Temperature (°C)
VDD = VREF = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com