Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3204T Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3204T
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204T Datasheet(HTML) 2 Page - Microchip Technology

  MCP3204T Datasheet HTML 1Page - Microchip Technology MCP3204T Datasheet HTML 2Page - Microchip Technology MCP3204T Datasheet HTML 3Page - Microchip Technology MCP3204T Datasheet HTML 4Page - Microchip Technology MCP3204T Datasheet HTML 5Page - Microchip Technology MCP3204T Datasheet HTML 6Page - Microchip Technology MCP3204T Datasheet HTML 7Page - Microchip Technology MCP3204T Datasheet HTML 8Page - Microchip Technology MCP3204T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MCP3204/3208
DS21298E-page 2
© 2008 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) .............+300°C
ESD protection on all pins.............................................> 4 kV
†Notice:
Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, VREF = 5V,
TA = -40°C to +85°C,fSAMPLE = 100 ksps and fCLK = 20*fSAMPLE
Parameters
Sym
Min
Typ
Max
Units
Conditions
Conversion Rate
Conversion Time
tCONV
—
—
12
clock
cycles
Analog Input Sample Time
tSAMPLE
1.5
clock
cycles
Throughput Rate
fSAMPLE
—
—
—
—
100
50
ksps
ksps
VDD = VREF = 5V
VDD = VREF = 2.7V
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
INL
—
—
±0.75
±1.0
±1
±2
LSB
MCP3204/3208-B
MCP3204/3208-C
Differential Nonlinearity
DNL
—
±0.5
±1
LSB
No missing codes
over-temperature
Offset Error
—
±1.25
±3
LSB
Gain Error
—
±1.25
±5
LSB
Dynamic Performance
Total Harmonic Distortion
—
-82
—
dB
VIN = 0.1V to 4.9V@1 kHz
Signal to Noise and Distortion
(SINAD)
—72
—
dB
VIN = 0.1V to 4.9V@1 kHz
Spurious Free Dynamic
Range
—86
—
dB
VIN = 0.1V to 4.9V@1 kHz
Reference Input
Voltage Range
0.25
—
VDD
V
Note 2
Current Drain
—
—
100
0.001
150
3.0
µA
µA
CS = VDD = 5V
Analog Inputs
Input Voltage Range for CH0-
CH7 in Single-Ended Mode
VSS
—VREF
V
Input Voltage Range for IN+ in
pseudo-differential Mode
IN-
—
VREF+IN-
Note 1:
This parameter is established by characterization and not 100% tested.
2:
See graphs that relate linearity performance to VREF levels.
3:
Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity
performance, particularly at elevated temperatures. See Section 6.2 “Maintaining Minimum Clock
Speed”
, “Maintaining Minimum Clock Speed”, for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com