Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500A Datasheet(PDF) 21 Page - Microchip Technology

Part # TC500A
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500A Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC500A Datasheet HTML 17Page - Microchip Technology TC500A Datasheet HTML 18Page - Microchip Technology TC500A Datasheet HTML 19Page - Microchip Technology TC500A Datasheet HTML 20Page - Microchip Technology TC500A Datasheet HTML 21Page - Microchip Technology TC500A Datasheet HTML 22Page - Microchip Technology TC500A Datasheet HTML 23Page - Microchip Technology TC500A Datasheet HTML 24Page - Microchip Technology TC500A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 21
TC500/A/510/514
FIGURE 9-3:
TC510 To IBM® Compatible Printer Port.
PC
Printer
Port
PORT
0378
Hex
Input
+
+5V
10 kΩ
10 kΩ
100 kΩ
100 kΩ
1 μF
1 μF
1
21
2
2
3
3
4
16
15
CAP-
5
6
7
8
19
10
18
17
9
22
23
24
DGND
VOUT-
VDD
A
B
CINT
CAZ
BUF
ACOM
TC510
CREF+
VIN+
CAP+
CMPTR
0.22 μF
0.22 μF
0.01 μF
0.01 μF
1 μF
0.33 μF
MCP1525
CREF-
VREF+
VREF-
VIN-
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com