Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC510 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC510
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Datasheet(HTML) 4 Page - Microchip Technology

  TC510 Datasheet HTML 1Page - Microchip Technology TC510 Datasheet HTML 2Page - Microchip Technology TC510 Datasheet HTML 3Page - Microchip Technology TC510 Datasheet HTML 4Page - Microchip Technology TC510 Datasheet HTML 5Page - Microchip Technology TC510 Datasheet HTML 6Page - Microchip Technology TC510 Datasheet HTML 7Page - Microchip Technology TC510 Datasheet HTML 8Page - Microchip Technology TC510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TC500/A/510/514
DS21428E-page 4
© 2008 Microchip Technology Inc.
Voltage Reference
Range
VREF
VSS +1
—
VDD – 1
VSS +1
—
VDD – 1
V
VREF- VREF+
Digital
Comparator Logic 1,
Output High
VOH
4—
—
4
—
—
V
ISOURCE = 400 μA
Comparator Logic 0,
Output Low
VOL
—
—
0.4
—
—
0.4
V
ISINK = 2.1 mA
Logic 1, Input High
Voltage
VIH
3.5
—
—
3.5
—
—
V
Logic 0, Input Low
Voltage
VIL
——
1
—
—
1
V
Logic Input Current
IL
——
—
—
0.3
μ
A
Logic ‘1’ or ‘0’
Comparator Delay
tD
—2
—
—
3
—
μ
s
Multiplexer (TC514 Only)
Maximum Input
Voltage
-2.5
—
2.5
-2.5
—
2.5
V
VDD = 5V
Drain/Source ON
Resistance
RDSON
—6
10
—
—
—
kΩ
VDD = 5V
Power (TC510/TC514 Only)
Supply Current
IS
—
1.8
2.4
—
—
3.5
mA
VDD = 5V, A = 1, B = 1
Power Dissipation
PD
—18
—
—
—
—
mW
VDD = 5V
Positive Supply
Operating Voltage
Range
VDD
4.5
—
5.5
4.5
—
5.5
V
Operating Source
Resistance
ROUT
—
60
85
—
—
100
Ω
IOUT = 10 mA
Oscillator Frequency
—
100
—
—
—
—
kHz
Note 1
Maximum Current
Out
IOUT
——
-10
—
—
-10
mA
VDD = 5V
Power (TC500/TC500A Only)
Supply Current
IS
—
1
1.5
—
—
2.5
mA
VS = ±5V, A = B = 1
Power Dissipation
PD
—10
—
—
—
—
mW
VDD = 5V, VSS = -5V
Positive Supply
Operating Range
VDD
4.5
—
7.5
4.5
—
7.5
V
Negative Supply
Operating Range
VSS
-4.5
—
-7.5
- 4.5
—
-7.5
V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Note
1:
Integrate time
≥ 66 ms, auto-zero time ≥ 66 ms, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com